Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13192 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 13192 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Electrical Characteristics
MC13192 Technical Data, Rev. 3.2
Freescale Semiconductor
9
5.4
AC Electrical Characteristics
NOTE
All AC parameters measured with SPI Registers at default settings except
where noted and the following registers over-programmed:
Register 08 = 0xFFF7 and Register 11 = 0x20FF
Table 4. Receiver AC Electrical Characteristics
(VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted.
Parameters measured at connector J6 of evaluation circuit.)
Characteristic
Symbol
Min
Typ
Max
Unit
Sensitivity for 1% Packet Error Rate (PER) (-40 to +85 °C)
SENSper
--92
-
dBm
Sensitivity for 1% Packet Error Rate (PER) (+25 °C)
-
-92
-87
dBm
Saturation (maximum input level)
SENSmax
-10-
dBm
Channel Rejection for 1% PER (desired signal -82 dBm)
+5 MHz (adjacent channel)
-5 MHz (adjacent channel)
+10 MHz (alternate channel)
-10 MHz (alternate channel)
>= 15 MHz
-
-
-
-
-
25
31
42
41
49
-
-
-
-
-
dB
dB
dB
dB
dB
Frequency Error Tolerance
-
-
200
kHz
Symbol Rate Error Tolerance
-
-
80
ppm
Table 5. Transmitter AC Electrical Characteristics
(VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted.
Parameters measured at connector J5 of evaluation circuit.)
Characteristic
Symbol
Min
Typ
Max
Unit
Power Spectral Density (-40 to +85 °C) Absolute limit
-
-47
-
dBm
Power Spectral Density (-40 to +85 °C) Relative limit
-
47
-
Nominal Output Power1
1 SPI Register 12 programmed to 0x00BC which sets output power to nominal (0 dBm typical).
Pout
-3
0
3
dBm
Maximum Output Power2
2 SPI Register 12 programmed to 0x00FF which sets output power to maximum.
4dBm
Error Vector Magnitude
EVM
-
20
35
%
Output Power Control Range (-27 dBm to +4 dBm typical)
-
31
-
dB
Over the Air Data Rate
-
250
-
kbps
2nd Harmonic
-
-42
-
dBc
3rd Harmonic
-
-44
-
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com