Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13192 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Functional Description
MC13192 Technical Data, Rev. 3.2
Freescale Semiconductor
13
6.2.2
SPI Transaction Operation
Although the SPI port of an MCU transfers data in bursts of 8 bits, the MC13192 requires that a complete
SPI transaction be framed by CE, and there will be three (3) or more bursts per transaction. The assertion
of CE to low signals the start of a transaction. The first SPI burst is a write of an 8-bit header to the
transceiver (MOSI is valid) that defines a 6-bit address of the internal resource being accessed and
identifies the access as being a read or write operation. In this context, a write is data written to the
MC13192 and a read is data written to the SPI master. The following SPI bursts will be either the write
data (MOSI is valid) to the transceiver or read data from the transceiver (MISO is valid).
Although the SPI bus is capable of sending data simultaneously between master and slave, the MC13192
never uses this mode. The number of data bytes (payload) will be a minimum of 2 bytes and can extend to
a larger number depending on the type of access. After the final SPI burst, CE is negated to high to signal
the end of the transaction. Refer to the MC13192 Reference Manual, (MC13192RM) for more details on
SPI registers and transaction types.
An example SPI read transaction with a 2-byte payload is shown in Figure 9.
Figure 9. SPI Read Transaction Diagram
CE
SPICLK
MISO
MOSI
Valid
Valid
Valid
Clock Burst
Header
Read data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com