Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13192 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 13192
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13192 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 13192 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13192 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical Characteristics
MC13192 Technical Data, Rev. 3.2
8
Freescale Semiconductor
5.2
Recommended Operating Conditions
5.3
DC Electrical Characteristics
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (VBATT = VDDINT)
1
1 If the supply voltage is produced by a switching DC-DC converter, ripple should be less than 100 mV peak-to-peak.
VBATT,
VDDINT
2.0
2.7
3.4
Vdc
Input Frequency
fin
2.405
-
2.480
GHz
Ambient Temperature Range
TA
-40
25
85
°C
Logic Input Voltage Low
VIL
0-
30%
VDDINT
V
Logic Input Voltage High
VIH
70%
VDDINT
-VDDINT
V
SPI Clock Rate
fSPI
--
8.0
MHz
RF Input Power
Pmax
--
10
dBm
Crystal Reference Oscillator Frequency (±40 ppm over
operating conditions to meet the 802.15.4 Standard.)
fref
16 MHz Only
Table 3. DC Electrical Characteristics
(VBATT, VDDINT = 2.7 V, TA = 25 °C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Current (VBATT + VDDINT)
Off1
Hibernate1
Doze (No CLKO)1 2
Idle
Transmit Mode (0 dBm nominal output power)
Receive Mode
1 To attain specified low power current, all GPIO and other digital IO must be handled properly. See Section 8.4, “Low Power
Considerations.
2 CLKO frequency at default value of 32.786 kHz.
Ileakage
ICCH
ICCD
ICCI
ICCT
ICCR
-
-
-
-
-
-
0.2
1.0
35
500
30
37
1.0
6.0
102
800
35
42
µA
µA
µA
µA
mA
mA
Input Current (VIN = 0 V or VDDINT) (All digital inputs)
IIN
--
±1
µA
Input Low Voltage (All digital inputs)
VIL
0
-
30%
VDDINT
V
Input High Voltage (all digital inputs)
VIH
70%
VDDINT
-VDDINT
V
Output High Voltage (IOH = -1 mA) (All digital outputs)
VOH
80%
VDDINT
-VDDINT
V
Output Low Voltage (IOL = 1 mA) (All digital outputs)
VOL
0
-
20%
VDDINT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com