Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS621X Datasheet(PDF) 11 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button AS621X Datasheet HTML 7Page - OSRAM GmbH AS621X Datasheet HTML 8Page - OSRAM GmbH AS621X Datasheet HTML 9Page - OSRAM GmbH AS621X Datasheet HTML 10Page - OSRAM GmbH AS621X Datasheet HTML 11Page - OSRAM GmbH AS621X Datasheet HTML 12Page - OSRAM GmbH AS621X Datasheet HTML 13Page - OSRAM GmbH AS621X Datasheet HTML 14Page - OSRAM GmbH AS621X Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Document Feedback
AS621x
Operating Conditions
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 10
Figure 8:
Temperature Accuracy Values of AS621x
Variant
Symbol
Min
Typ
Max
Unit
Note
AS6212
T_ERR
-0.3
-0.2
-0.3
-0.5
0.3
0.2
0.3
0.5
°C
T= -40 °C to -10 °C
T= -10 °C to 65 °C
T= 65 °C to 85 °C
T= 85 °C to 125 °C
AS6214
T_ERR
-1.0
-0.4
-1.0
1.0
0.4
1.0
°C
T= -40 °C to 0 °C
T= 0 °C to 65 °C
T= 65 °C to 125 °C
AS6218
T_ERR
-1.0
-0.8
-1.0
1.0
0.8
1.0
°C
T= -40 °C to 0 °C
T= 0 °C to 65 °C
T= 65 °C to 125 °C
In Figure 8 the different accuracy values of AS621x are shown. These values are representative for a
3
 distribution. All accuracy values are valid for the complete supply voltage range given in Figure 7.
5.2
Digital System Parameters
Figure 9:
Digital System Parameters of AS621x
Parameter
Symbol
Pins
Min
Max
Unit
Note
High level input voltage
V_IH
SCL, ADD0
0.7 * VDD
V
Low level input voltage
V_IL
SCL, ADD0
0.3 * VDD
V
Hysteresis voltage
V_HYST
SCL,ADD0,
SDA, Alert
200
1200
mV
Input leakage current
I_LEAK
SCL;ADD0
-1
1
µA
V_IL=0.0 V
Low level output voltage
V_OL
Alert
VSS+0.4
V
I_OL=3 mA
High level input voltage
V_IH
SDA
0.7 * VDD
V
Low level input voltage
V_IL
SDA
0.3*VDD
V
Low level output voltage
V_OL
SDA
VSS+0.4
V
Tristate leakage current
I_OZ
SDA
-10
10
µA
to VSS
In Figure 9 an overview of the digital system parameters is given.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com