Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS621X Datasheet(PDF) 21 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button AS621X Datasheet HTML 17Page - OSRAM GmbH AS621X Datasheet HTML 18Page - OSRAM GmbH AS621X Datasheet HTML 19Page - OSRAM GmbH AS621X Datasheet HTML 20Page - OSRAM GmbH AS621X Datasheet HTML 21Page - OSRAM GmbH AS621X Datasheet HTML 22Page - OSRAM GmbH AS621X Datasheet HTML 23Page - OSRAM GmbH AS621X Datasheet HTML 24Page - OSRAM GmbH AS621X Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Document Feedback
AS621x
Register Description
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 20
Figure 24:
Default Values for THIGH and TLOW
Register
Temperature
Binary Value
TLOW
75 °C
0010 0101 1000 0000
THIGH
80 °C
0010 1000 0000 0000
The following table defines the register bits of the THIGH and TLOW register.
Figure 25:
Register Bit Settings for THIGH/TLOW
Addr: 0x2 / 0x3
Bit
TLOW Register
THIGH Register
Access
0
0
0
Permanently set to 0
1
0
0
Permanently set to 0
2
0
0
Permanently set to 0
3
0
0
Permanently set to 0
4
L4
H4
RW
5
L5
H5
RW
6
L6
H6
RW
7
L7
H7
RW
8
L8
H8
RW
9
L9
H9
RW
10
L10
H10
RW
11
L11
H11
RW
12
L12
H12
RW
13
L13
H13
RW
14
L14
H14
RW
15
L15
H15
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com