Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS621X Datasheet(PDF) 5 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 5 Page - OSRAM GmbH

  AS621X Datasheet HTML 1Page - OSRAM GmbH AS621X Datasheet HTML 2Page - OSRAM GmbH AS621X Datasheet HTML 3Page - OSRAM GmbH AS621X Datasheet HTML 4Page - OSRAM GmbH AS621X Datasheet HTML 5Page - OSRAM GmbH AS621X Datasheet HTML 6Page - OSRAM GmbH AS621X Datasheet HTML 7Page - OSRAM GmbH AS621X Datasheet HTML 8Page - OSRAM GmbH AS621X Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Document Feedback
AS621x
General Description
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 4
Benefits
Features
Low Power Consumption
6 µA @ Operation (typical, @ 4 Hz)
0.1 µA @ Standby (typical)
Supply Voltage Range
1.71
– 3.6 V (0 °C to 125 °C)
Small PCB Footprint
1.5 mm x 1 mm (WLCSP)
1.2
Applications
●
Electronic Equipment
●
Tablets
●
Convertibles
●
Laptop
●
Personal Computers
●
Wearables
●
HVAC
1.3
Block Diagram
The functional blocks of this device are shown below:
Figure 3 :
Functional Blocks of AS621x
In Figure 3 the functional blocks are depicted. The sensing element for sensing the temperature is a Si
bipolar transistor. The analog signal of the sensing element is converted into a digital signal by the A/D
converter and the signal is further processed by a digital signal processor and written into the
registers. The registers can be accessed via the serial bus interface (I²C bus).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com