Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS621X Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS621X Datasheet HTML 20Page - OSRAM GmbH AS621X Datasheet HTML 21Page - OSRAM GmbH AS621X Datasheet HTML 22Page - OSRAM GmbH AS621X Datasheet HTML 23Page - OSRAM GmbH AS621X Datasheet HTML 24Page - OSRAM GmbH AS621X Datasheet HTML 25Page - OSRAM GmbH AS621X Datasheet HTML 26Page - OSRAM GmbH AS621X Datasheet HTML 27Page - OSRAM GmbH AS621X Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Document Feedback
AS621x
Register Description
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 23
edge of the clock. An acknowledge signal is generated by the addressed slave during the ninth clock
pulse. This acknowledge signal is produced by pulling the pin SDA to a low level by the selected
slave.
Subsequently, the byte data transfer is started and finished by an acknowledge bit. A change in the
data signal (SDA) while the clock signal (SCL) is high causes a START or STOP condition. Hence, it
must be ensured such a condition is prevented during a data transfer phase.
After completing the data transfer, the master generates a STOP condition by pulling the data line
(SDA) from low level to high level while the clock signal (SCL) is kept at high level.
6.3.2
Data Interface
A bus connection is created by connecting the open drain input/output lines SDA and SCL to the two
wire bus. The inputs of SDA and SCL feature Schmitt-trigger inputs as well as low pass filters in order
to suppress noise on the bus line. This improves the robustness against spikes on the two wire
interface.
Both fast transmission mode (1 kHz to 400 kHz) and high-speed transmission mode (1 kHz to
3.4 MHz) are employed to cover different bus speed settings.
Any data transfer transmits the MSB first and the LSB as last bit.
6.3.3
Bus Address
A slave address consists of seven bits, followed by a data direction bit (read/write operation). The
slave address can be selected from 8 different address settings by connecting the pin ADD0 and
ADD1 to an appropriate signal as summarized in Figure 28.
The ADD0 and the ADD1 pin must not be left unconnected.
The address selection with ADD1 is depending on the usage of the ALERT function (described in
chapter 6.3.8). In case the ALERT functionality is used, it must be connected via a pull up resistor to
VDD. In case the ALERT functionality is not used, the pin must be connected to either SCL or VSS
(refer to Figure 28 for details).
Figure 28:
I²C Address Select Configuration
ALERT / ADD1
Connection
ADD0 Connection
Alert
Functionality
Enabled
Device Address
(bin)
Device Address
(hex)
SCL
VSS
No
100 0100
0x44
SCL
VDD
No
100 0101
0x45
SCL
SDA
No
100 0110
0x46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com