Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS621X Datasheet(PDF) 32 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button AS621X Datasheet HTML 28Page - OSRAM GmbH AS621X Datasheet HTML 29Page - OSRAM GmbH AS621X Datasheet HTML 30Page - OSRAM GmbH AS621X Datasheet HTML 31Page - OSRAM GmbH AS621X Datasheet HTML 32Page - OSRAM GmbH AS621X Datasheet HTML 33Page - OSRAM GmbH AS621X Datasheet HTML 34Page - OSRAM GmbH AS621X Datasheet HTML 35Page - OSRAM GmbH AS621X Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Document Feedback
AS621x
Application Information
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 31
7
Application Information
Figure 34:
Application Example
In Figure 34 the connections of the AS621x temperature sensor to a microcontroller and the supply
voltage are shown.
The AS621x is connected to a microcontroller via an I²C bus (SDA and SCL only). Additionally the
Alert output can also be used for temperature monitoring (e.g. using the interrupt mode, refer to IM bit
settings), an example is given in Figure 34 where the Alert output is connected to microcontroller.
The I²C address of the AS621x can be selected by connecting the ADD0 and ADD1 to different pins
(see Figure 28). These pins must not be left unconnected.
Micro-
controller
(Bus Master)
VDD
10nF
VDD
Address Select 0
Slave
Pull-up resistors
RPU
SDA
VDD
ADD0
SCL
ADD1/
ALERT
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com