Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS621X Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 4 Page - OSRAM GmbH

  AS621X Datasheet HTML 1Page - OSRAM GmbH AS621X Datasheet HTML 2Page - OSRAM GmbH AS621X Datasheet HTML 3Page - OSRAM GmbH AS621X Datasheet HTML 4Page - OSRAM GmbH AS621X Datasheet HTML 5Page - OSRAM GmbH AS621X Datasheet HTML 6Page - OSRAM GmbH AS621X Datasheet HTML 7Page - OSRAM GmbH AS621X Datasheet HTML 8Page - OSRAM GmbH AS621X Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Document Feedback
AS621x
General Description
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 3
1
General Description
The AS621x IC is a high accuracy digital temperature sensor system that communicates via a 2-wire
digital bus with other devices. It consists of a Si bandgap temperature sensor, an ADC and a digital
signal processor.
The family consists of 3 different variants (AS6212, AS6214 and AS6218). The difference between
these variants is the temperature accuracy:
Figure 1:
Variants
Variant
Temperature Accuracy
Remark
AS6212
±0.2°C
Between -10°C to 65°C
AS6214
±0.4°C
Between 0°C to 65°C
AS6218
±0.8°C
Between 0°C to 65°C
The high temperature accuracy and an ultra-low power consumption (low operation and quiescent
current) makes the AS621x ideally suited for mobile/battery powered applications.
The AS621x is an easy to integrate and use solution, featuring a factory-calibrated sensor, integrated
linearization and the possibility to use 8 different I²C addresses, enabling to use eight AS621x devices
on one bus.
Additionally the AS621x temperature sensor system features an alert functionality, which triggers e.g.
an interrupt to protect devices from excessive temperatures.
The AS621x production test setup is calibrated according NIST and the verification equipment is
calibrated by an ISO/IEC-17025 accredited laboratory
1.1
Key Benefits & Features
The benefits and features of AS621x are listed below:
Figure 2:
Added Value of Using AS621x
Benefits
Features
High Measurement Accuracy
± 0.2 °C (from -10°C to 65 °C, for AS6212)
± 0.3 °C (from -40°C to -10°C and from 65°C to 85°C, for AS6212)
± 0.5 °C (for remaining temperature span, for AS6212)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com