Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS621X Datasheet(PDF) 30 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button AS621X Datasheet HTML 26Page - OSRAM GmbH AS621X Datasheet HTML 27Page - OSRAM GmbH AS621X Datasheet HTML 28Page - OSRAM GmbH AS621X Datasheet HTML 29Page - OSRAM GmbH AS621X Datasheet HTML 30Page - OSRAM GmbH AS621X Datasheet HTML 31Page - OSRAM GmbH AS621X Datasheet HTML 32Page - OSRAM GmbH AS621X Datasheet HTML 33Page - OSRAM GmbH AS621X Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Document Feedback
AS621x
Register Description
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 29
Figure 32:
Timing Diagram for Word Write
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
SCL
SDA
1
0
0
R /W
0
0
0
0
0
0
IX 1
IX 0
Start
by master
Values are defined by
ADD 0 pin setting
Frame 1: Slave Address Byte
Frame 2: Index Register Byte
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
SCL
SDA
Frame 3: MSB Data Byte
Frame 4: LSB Data Byte
D 7
D 6
D 5
D4
D 3
D 2
D 1
D 0
D 6
D5
D 4
D 3
D 2
D1
D 7
D0
(Continued )
(Continued )
Acknowledge
by slave
Acknowledge
by slave
Acknowledge
by slave
Acknowledge
by slave
Stop
by master
A3
A2
A1
A0
Values are defined
by ALERT/ADD1 pin
setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com