Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS621X Datasheet(PDF) 13 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button AS621X Datasheet HTML 9Page - OSRAM GmbH AS621X Datasheet HTML 10Page - OSRAM GmbH AS621X Datasheet HTML 11Page - OSRAM GmbH AS621X Datasheet HTML 12Page - OSRAM GmbH AS621X Datasheet HTML 13Page - OSRAM GmbH AS621X Datasheet HTML 14Page - OSRAM GmbH AS621X Datasheet HTML 15Page - OSRAM GmbH AS621X Datasheet HTML 16Page - OSRAM GmbH AS621X Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Document Feedback
AS621x
Register Description
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 12
Figure 12:
Register Map
Address
Symbol
Register
Description
0x0
TVAL
Temperature Register
Contains the temperature value
0x1
CONFIG
Configuration Register
Configuration settings of the temperature sensor
0x2
TLOW
TLOW Register
Low temperature threshold value
0x3
THIGH
THIGH Register
High temperature threshold value
The first 2-bit addresses in the index register define the access to the registers shown in Figure 12.
This means that in order to access the different registers, the index register must be set accordingly.
With the exception of the TVAL register (which contains the temperature value data), all registers are
read/write accessible.
6.2
Detailed Register Description
6.2.1
Configuration Register (Address 0x1)
Figure 13:
CONFIGURATION Register
Addr: 0x1
Bit
Bit Name
Default
Access
Bit Description
0
Reserved
0
RO
Reserved
1
Reserved
0
RO
Reserved
2
Reserved
0
RO
Reserved
3
Reserved
0
RO
Reserved
4
Reserved
0
RO
Reserved
5
AL
1
RO
Alert Bit (AL)
6
CR[0]
0
RW
Conversion RATE (CR)
7
CR[1]
1
RW
Conversion RATE (CR)
8
SM
0
RW
Sleep Mode (SM)
9
IM
0
RW
Interrupt Mode (IM)
10
POL
0
RW
Polarity (POL)
11
CF[0]
0
RW
Consecutive Faults (CF)
12
CF[1]
0
RW
Consecutive Faults (CF)
13
Reserved
0
RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com