Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS621X Datasheet(PDF) 23 Page - OSRAM GmbH

Part # AS621X
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS621X Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button AS621X Datasheet HTML 19Page - OSRAM GmbH AS621X Datasheet HTML 20Page - OSRAM GmbH AS621X Datasheet HTML 21Page - OSRAM GmbH AS621X Datasheet HTML 22Page - OSRAM GmbH AS621X Datasheet HTML 23Page - OSRAM GmbH AS621X Datasheet HTML 24Page - OSRAM GmbH AS621X Datasheet HTML 25Page - OSRAM GmbH AS621X Datasheet HTML 26Page - OSRAM GmbH AS621X Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Document Feedback
AS621x
Register Description
Datasheet
• PUBLIC
DS000677
• v4-00 • 2022-May-17
36
│ 22
Example 75°C:
75°������/0.0078125°������ = 9600 = ������������������������������������ 0010 0101 1000 0000 = ������������������ 2580
Example -40°C:
|−40°������|/0.0078125 °������ + 1 = 5120 + 1 = ������������������������������������ 0001 0100 0000 0000 + 1 = 1110 1100 0000 0000 =
������������������ EC00
Figure 27:
Temperature Conversion Examples
Temperature (°C)
Digital Output (Binary)
Digital Output (Hex)
100.0
0011 0010 0000 0000
3200
75.0
0010 0101 1000 0000
2580
50.0
0001 1001 0000 0000
1900
25.0
0000 1100 1000 0000
0C80
0.125
0000 0000 0001 0000
0010
0.0078125
0000 0000 0000 0001
0001
0.0
0000 0000 0000 0000
0000
-0.0078125
1111 1111 1111 1111
FFFF
-0.125
1111 1111 1111 0000
FFF0
-25.0
1111 0011 1000 0000
F380
-40.0
1110 1100 0000 0000
EC00
6.3
Serial Interface
The device employs a standard I²C-serial bus.
6.3.1
Bus Description
A data transfer must be invoked by a master device (e.g. microcontroller) which defines the access to
the slave device. The master device defines and generates the serial clock (SCL) and the start/stop
conditions.
In order to address a specific device, a START condition has to be generated by the master device by
pulling the data line (SDA) from a logic high level to a logic low level while the serial clock signal (SCL)
is kept at high level.
After the start condition, the slave address byte is transmitted which is completed with a ninth bit which
indicates a read (bit=’1’) or a write operation (bit=’0’) respectively. All slaves read the data on the rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com