Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 6Page - OSRAM GmbH AS6221 Datasheet HTML 7Page - OSRAM GmbH AS6221 Datasheet HTML 8Page - OSRAM GmbH AS6221 Datasheet HTML 9Page - OSRAM GmbH AS6221 Datasheet HTML 10Page - OSRAM GmbH AS6221 Datasheet HTML 11Page - OSRAM GmbH AS6221 Datasheet HTML 12Page - OSRAM GmbH AS6221 Datasheet HTML 13Page - OSRAM GmbH AS6221 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Document Feedback
AS6221
Operating Conditions
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 9
5
Operating Conditions
The AS6221 is a complete sensor system that has an integrated sensing element, the analog
frontend, the A/D converter and the digital signal processing part.
The digital signal processing part consists of the signal processor, the registers and the serial bus
interface.
5.1
Analog System Parameters
Figure 6:
Analog System Parameters of AS6221
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
1.71
2.0
3.0
3.0
3.6
3.6
V
T= 0°C to 125°C
T= -40°C to 125°C
Temperature Range
T
-40
125
°C
Standby Current
Consumption
IDD
0.1
0.3
0.4
9.0
µA
T= -40°C to 65°C
T= 65°C to 125°C
Current Consumption
(4 conversions /s)
IDD
6
7
16
µA
T= -40°C to 65°C
Serial bus inactive
T= 65°C to 125°C
Serial bus inactive
Resolution
N
16
Bits
Conversion Time
TS
22
36
51
ms
Conversion Rate
NS
0.25
1
4
8
0.35
1.35
5.5
10.7
Conv/s
CR[1:0]=00
CR[1:0]=01
CR[1:0]=10
CR[1:0]=11
Supply Voltage Rise
Time
TRise_VDD
20
ms
from 0.1V to 1.6V
Supply Voltage Slew
Rate
SR_VDD
50
mV/ms
from 0.1V to 1.6V
In Figure 6 an overview of the analog system parameters is given.
The current consumption for less than 4 conversions per second is lower than the values given in
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com