Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 22Page - OSRAM GmbH AS6221 Datasheet HTML 23Page - OSRAM GmbH AS6221 Datasheet HTML 24Page - OSRAM GmbH AS6221 Datasheet HTML 25Page - OSRAM GmbH AS6221 Datasheet HTML 26Page - OSRAM GmbH AS6221 Datasheet HTML 27Page - OSRAM GmbH AS6221 Datasheet HTML 28Page - OSRAM GmbH AS6221 Datasheet HTML 29Page - OSRAM GmbH AS6221 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Document Feedback
AS6221
Register Description
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 25
ALERT / ADD1
Connection
ADD0 Connection
Alert
Functionality
Enabled
Device Address
(bin)
Device Address
(hex)
SCL
SCL
No
100 0111
0x47
VSS
VSS
No
100 1000
0x48
VSS
VDD
No
100 1001
0x49
VSS
SDA
No
100 1010
0x4A
VSS
SCL
No
100 1011
0x4B
Pull up to VDD
VSS
Yes
100 1000
0x48
Pull up to VDD
VDD
Yes
100 1001
0x49
Pull up to VDD
SDA
Yes
100 1010
0x4A
Pull up to VDD
SCL
Yes
100 1011
0x4B
6.3.4
Read/Write Operation
In order to access an internal data register, the index register must be written in advance. This register
contains the actual register address and selects the appropriate register for an access. A typical
transfer consists of the transmission of the slave address with a write operation indication, followed by
the transmission of the register address and is finalized with the actual register content data transfer.
This implies that every write operation to the temperature sensor device requires a value for the index
register prior to the transmission of the actual register data.
The index register defines the register address for both the write and read operation. Consequently, if
a read operation is executed, the register address is taken from the index register which was defined
from the last write operation.
If a different register needs to be read, the index register has to be written in advance to define the
new register address. This is accomplished by transmitting the slave address with a low R/W bit,
followed by the new content of the index register. Subsequently, the master provokes a START
condition on the bus and transmits the slave address with a high R/W bit in order to initiate a read
operation.
Since the index register always keeps its last value, reads can be executed repetitively on the same
register.
Similarly to the byte transfer where the MSB is transmitted first, the transfer of a 16-bit word is
executed by a two byte transfer whereas the MSB byte is always transmitted first.
6.3.5
Slave Operation
The device employs a slave functionality only (slave transmitter and slave receiver) and cannot be
operated as a bus master. Consequently, the device never actively drives the SCL line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com