Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 7Page - OSRAM GmbH AS6221 Datasheet HTML 8Page - OSRAM GmbH AS6221 Datasheet HTML 9Page - OSRAM GmbH AS6221 Datasheet HTML 10Page - OSRAM GmbH AS6221 Datasheet HTML 11Page - OSRAM GmbH AS6221 Datasheet HTML 12Page - OSRAM GmbH AS6221 Datasheet HTML 13Page - OSRAM GmbH AS6221 Datasheet HTML 14Page - OSRAM GmbH AS6221 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Document Feedback
AS6221
Operating Conditions
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 10
Figure 7:
Temperature Accuracy Values of AS6221
Variant
Symbol
Min
Typ
Max
Unit
Note
AS6221
T_ERR
-0.09
-0.1
-0.12
-0.15
-0.2
-0.25
-0.3
0.09
0.1
0.12
0.15
0.2
0.25
0.3
°C
T= 20 °C to 42 °C
T= -25 °C to 55 °C
T= -40 °C to 70 °C
T= 70 °C to 85 °C
T= 85 °C to 100 °C
T= 100 °C to 110 °C
T= 110 °C to 125 °C
In Figure 7 the different accuracy values of AS6221 are shown. These values are representative for a
3
 distribution. All accuracy values are valid for the complete supply voltage range given in Figure 6.
Figure 8:
Graphical Representation of Accuracy Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com