Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 19Page - OSRAM GmbH AS6221 Datasheet HTML 20Page - OSRAM GmbH AS6221 Datasheet HTML 21Page - OSRAM GmbH AS6221 Datasheet HTML 22Page - OSRAM GmbH AS6221 Datasheet HTML 23Page - OSRAM GmbH AS6221 Datasheet HTML 24Page - OSRAM GmbH AS6221 Datasheet HTML 25Page - OSRAM GmbH AS6221 Datasheet HTML 26Page - OSRAM GmbH AS6221 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Document Feedback
AS6221
Register Description
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 22
6.2.10
Temperature Register (Address 0x0)
Figure 26:
Temperature Value Register
Addr: 0x0
Bit
Bit Name
0
T0
1
T1
2
T2
3
T3
4
T4
5
T5
6
T6
7
T7
8
T8
9
T9
10
T10
11
T11
12
T12
13
T13
14
T14
15
T15
The temperature register contains the digitally converted temperature value and can be read by
setting the index pointer to the TVAL register (0x0).
Two consecutive bytes must be read to obtain the complete temperature value. The MSB byte (Bits 15
to 8) is transmitted upon the first read access and the LSB byte (Bits 7 to 0) is transmitted after the
second read access.
A temperature value is represented as a two complement value in order to cover also negative values.
After power-up, the temperature value is read as 0°C until the first conversion has been completed.
One LSB corresponds to 0.0078125°C (=1/128 °C).
The binary values can be calculated according to the following formulas:
Positive values:
|Value| / LSB
Negative values:
Complement (|Value| / LSB ) + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com