Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 23Page - OSRAM GmbH AS6221 Datasheet HTML 24Page - OSRAM GmbH AS6221 Datasheet HTML 25Page - OSRAM GmbH AS6221 Datasheet HTML 26Page - OSRAM GmbH AS6221 Datasheet HTML 27Page - OSRAM GmbH AS6221 Datasheet HTML 28Page - OSRAM GmbH AS6221 Datasheet HTML 29Page - OSRAM GmbH AS6221 Datasheet HTML 30Page - OSRAM GmbH AS6221 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Document Feedback
AS6221
Register Description
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 26
6.3.6
Slave Receiver Mode
Any transmission is invoked by the master device by transmitting the slave address with a low R/W bit.
Subsequently, the slave device acknowledges the reception of the valid address by pulling the ninth
bit to a low level. Following to acknowledge, the master transmits the content of the index register.
This transfer is again acknowledged by the slave device. The next data byte(s) are written to the
actual data register which is selected by the index register while each transfer is acknowledged upon a
completed transfer by the slave device. A data transfer can be finished if the master transmits a
START or a STOP condition on the bus.
6.3.7
Slave Transmitter
The master transmits the slave address with a high R/W bit. In turn, the slave acknowledges a valid
slave address. Subsequently, the slave transmits the MSB byte of the actual selected data register by
the index register. After the MSB byte transmission, acknowledge is sent by the master. Afterwards,
the LSB byte is transmitted by the slave which is also acknowledged by the master after the
completed transmission. The data transfer can be terminated by the master by transmitting a Not-
Acknowledge after the transmitted slave data or by invoking a START or a STOP condition on the bus.
6.3.8
Alert Function
If the device is configured for an interrupt mode operation (IM=1), the ALERT output can be used as
an alert signal.
If the polarity bit is
set to ‘0’ (POL=’0’), the alert condition bit is set to ‘0’ in case the temperature has
exceeded the configured value in register THIGH. Accordingly, the alert condition bit is set to ‘1’ if the
temperature has fallen below the configured value in register TLOW.
If the polarity bit is set to ‘1’ (POL=’1’), the alert condition bit is inverted. The following table
summarizes the status of the alert condition bit with different alert conditions and polarity
configurations.
Figure 29:
Alert Condition Bit
Polarity Bit
Alert Condition
Alert Condition Bit (AC-Bit)
0
T ≥ THIGH
0
0
T ≤ TLOW
1
1
T ≥ THIGH
1
1
T ≤ TLOW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com