Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 8Page - OSRAM GmbH AS6221 Datasheet HTML 9Page - OSRAM GmbH AS6221 Datasheet HTML 10Page - OSRAM GmbH AS6221 Datasheet HTML 11Page - OSRAM GmbH AS6221 Datasheet HTML 12Page - OSRAM GmbH AS6221 Datasheet HTML 13Page - OSRAM GmbH AS6221 Datasheet HTML 14Page - OSRAM GmbH AS6221 Datasheet HTML 15Page - OSRAM GmbH AS6221 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Document Feedback
AS6221
Operating Conditions
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 11
In Figure 8 the temperature error is plotted against the temperature. This graph represents the actual
measurement of typical samples which have been mounted onto PCBs.
5.2
Digital System Parameters
Figure 9:
Digital System Parameters of AS6221
Parameter
Symbol
Pins
Min
Max
Unit
Note
High level input voltage
V_IH
SCL, ADD0
0.7 * VDD
V
Low level input voltage
V_IL
SCL, ADD0
0.3 * VDD
V
Hysteresis voltage
V_HYST
SCL,ADD0,
SDA,Alert
200
1200
mV
Input leakage current
I_LEAK
SCL;ADD0
-1
1
µA
V_IL=0.0V
Low level output voltage
V_OL
Alert
VSS+0.4
V
I_OL=3mA
High level input voltage
V_IH
SDA
0.7 * VDD
V
Low level input voltage
V_IL
SDA
0.3*VDD
V
Low level output voltage
V_OL
SDA
VSS+0.4
V
Tristate leakage current
I_OZ
SDA
-10
10
µA
to VSS
In Figure 9 an overview of the digital system parameters is given.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com