Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 31Page - OSRAM GmbH AS6221 Datasheet HTML 32Page - OSRAM GmbH AS6221 Datasheet HTML 33Page - OSRAM GmbH AS6221 Datasheet HTML 34Page - OSRAM GmbH AS6221 Datasheet HTML 35Page - OSRAM GmbH AS6221 Datasheet HTML 36Page - OSRAM GmbH AS6221 Datasheet HTML 37Page - OSRAM GmbH AS6221 Datasheet HTML 38Page - OSRAM GmbH AS6221 Datasheet HTML 39Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Document Feedback
AS6221
Application Information
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 34
7.1
External Components
Figure 36:
Schematic with External Components
Figure 37:
Values for External Components
Parameter
Min
Typ
Unit
Decoupling capacitor
10
nF
Pull-up resistors
10
k
Ω
In Figure 36 and Figure 37 the schematics and the recommended values for external components are
shown.
The decoupling capacitor for the supply should have a value of at least 10 nF.
In order to use the alert functionality, the ALERT/ADD1 pin must be connected via a pull up resistor to
VDD.
For the serial interface, pull up resistors to VDD are mandatory.
The pull up resistors on the serial interface and the interrupt depend on the bus capacitance and on
the clock speed.
VDD
10nF
VDD
Address Select 0
Slave
Pull-up resistors
RPU
SDA
VDD
ADD0
SCL
ADD1/
ALERT
VSS
Address Select 1
SCL
SDA
Alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com