Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Datasheet(HTML) 4 Page - OSRAM GmbH

  AS6221 Datasheet HTML 1Page - OSRAM GmbH AS6221 Datasheet HTML 2Page - OSRAM GmbH AS6221 Datasheet HTML 3Page - OSRAM GmbH AS6221 Datasheet HTML 4Page - OSRAM GmbH AS6221 Datasheet HTML 5Page - OSRAM GmbH AS6221 Datasheet HTML 6Page - OSRAM GmbH AS6221 Datasheet HTML 7Page - OSRAM GmbH AS6221 Datasheet HTML 8Page - OSRAM GmbH AS6221 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Document Feedback
AS6221
General Description
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 3
1
General Description
The AS6221 IC is a high accuracy digital temperature sensor system that communicates via a 2-wire
digital bus with other devices. It consists of a Si bandgap temperature sensor, an ADC and a digital
signal processor.
This sensor is especially designed to be used in applications where a high measurement accuracy is
needed, for example measuring the skin temperature. Beside these applications, it can also be used
to replace PTC resistors.
The high temperature accuracy and an ultra-low power consumption (low operation and quiescent
current) makes the AS6221 ideally suited for mobile/battery powered applications.
The AS6221 is an easy to integrate and use solution, featuring a factory-calibrated sensor, integrated
linearization and the possibility to use 8 different I²C addresses, enabling to use eight AS6221 devices
on one bus.
Additionally the AS6221 temperature sensor system features an alert functionality, which triggers e.g.
an interrupt to protect devices from excessive temperatures.
The AS6221 production test setup is calibrated according NIST and the verification equipment is
calibrated by an ISO/IEC-17025 accredited laboratory
1.1
Key Benefits & Features
The benefits and features of AS6221 are listed below:
Figure 1:
Added Value of Using AS6221
Benefits
Features
High Measurement Accuracy
± 0.09 °C ( 20 °C to 42 °C)
Low Power Consumption
6 µA @ Operation (typical, @ 4 Hz)
0.1 µA @ Standby (typical)
Supply Voltage Range
1.71
– 3.6 V (0 °C to 125 °C)
Small PCB Footprint
1.5 mm x 1 mm (WLCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com