Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6221 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 9Page - OSRAM GmbH AS6221 Datasheet HTML 10Page - OSRAM GmbH AS6221 Datasheet HTML 11Page - OSRAM GmbH AS6221 Datasheet HTML 12Page - OSRAM GmbH AS6221 Datasheet HTML 13Page - OSRAM GmbH AS6221 Datasheet HTML 14Page - OSRAM GmbH AS6221 Datasheet HTML 15Page - OSRAM GmbH AS6221 Datasheet HTML 16Page - OSRAM GmbH AS6221 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Document Feedback
AS6221
Register Description
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 12
6
Register Description
6.1
Register Overview
Figure 10:
Register Map with Serial Interface
In Figure 10 the registers that the device contains are shown.
With the use of the index register, it is possible to address the specific register. The index register is
an 8-bit register, where only bits 0 and 1 are used as shown in Figure 11 and all other bits are set to 0
and read only
6.1.1
Index Register
Figure 11:
Index Register
Bit
Bit Name
Default
Access
0
Address Bit
0
RW
1
Address Bit
0
RW
2
Reserved
0
RO
3
Reserved
0
RO
4
Reserved
0
RO
5
Reserved
0
RO
6
Reserved
0
RO
7
Reserved
0
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com