Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVD Datasheet(PDF) 35 Page - Analog Devices

Part # AD5522JSVD
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVD Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5522JSVD Datasheet HTML 31Page - Analog Devices AD5522JSVD Datasheet HTML 32Page - Analog Devices AD5522JSVD Datasheet HTML 33Page - Analog Devices AD5522JSVD Datasheet HTML 34Page - Analog Devices AD5522JSVD Datasheet HTML 35Page - Analog Devices AD5522JSVD Datasheet HTML 36Page - Analog Devices AD5522JSVD Datasheet HTML 37Page - Analog Devices AD5522JSVD Datasheet HTML 38Page - Analog Devices AD5522JSVD Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Preliminary Technical Data
AD5522
Rev. PrM | Page 35 of 48
WRITE DAC REGISTER
The DAC input, gain and offset registers are addressed through a combination of PMU bits (Bits 27 through 24) and MODE bits (Bits 23
and 22). Bits A5 through A0 address each of the DAC levels on chip. D15 through D0 are the DAC data Bits when writing to these
registers. PMU address bits allow addressing to DAC across any combination of PMU channels.
Table 19. DAC Register Bits
B28
B27
B26
B25
B24
B23
B22
B21
B20
B19
B18
B17
B16
B15 to B0
RD/WR
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
A5
A4
A3
A2
A1
A0
DATA BITS D15 (MSB to D0 (LSB)
Table 20. DAC Register Functions
Bit
Bit name
Description
28 (MSB)
RD/WR
When low, a write function takes place to the selected register, while if the RD/WR bit is set high, this initiates a
readback sequence of PMU, Alarm, Comparator, System Control or DAC register as determined by address bits.
27
PMU3
26
PMU2
25
PMU1
24
PMU0
Bits PMU3 through PMU0 address each of the PMU and DAC channels in the device. This allows individual
control of each DAC channel or any manner of combined addressing in addition to multi-channel programming.
B27
B26
B25
B24
B23
B22
SELECTED REGISTER
PMU3
PMU2
PMU1
PMU0
MODE1
MODE0
CH3
CH2
CH1
CH0
0
0
0
0
0
0
Write to System Control Register
0
0
0
1
×
×
×
CHO
0
0
1
0
×
×
CH1
×
0
0
1
1
×
×
CH1
CH0
0
1
0
0
×
CH2
×
×
-
-
-
-
-
-
-
-
1
0
0
0
CH3
×
×
×
-
-
-
-
-
-
-
-
1
1
1
0
CH3
CH2
CH1
×
1
1
1
1
Select DAC or PMU Registers.
See below
CH3
CH2
CH1
CH0
23
MODE1
22
MODE0
Mode Bits, MODE0 and MODE1 allow addressing of the DAC gain (m), offset (c ) or input register (x1)
MODE1
MODE0
Action
0
0
System Control Register or PMU Register
0
1
DAC Gain (m) Register
1
0
DAC Offset (c) Register
1
1
DAC Input Data Register, (x1)
DAC REGISTER SPECIFIC BITS
21,20,19
A5,A4,A3
DAC Address Bits. A5 to A3 select which register set is addressed. See Table 21
18,17,16
A2,A1,A0
DAC Address Bits, A2 to A0 select which DAC is addressed. See Table 21
15 to 0(LSB)
D15 (MSB) to D0(LSB)
16 DAC Data bits. D15 MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com