Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVD Datasheet(PDF) 38 Page - Analog Devices

Part # AD5522JSVD
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVD Datasheet(HTML) 38 Page - Analog Devices

Back Button AD5522JSVD Datasheet HTML 34Page - Analog Devices AD5522JSVD Datasheet HTML 35Page - Analog Devices AD5522JSVD Datasheet HTML 36Page - Analog Devices AD5522JSVD Datasheet HTML 37Page - Analog Devices AD5522JSVD Datasheet HTML 38Page - Analog Devices AD5522JSVD Datasheet HTML 39Page - Analog Devices AD5522JSVD Datasheet HTML 40Page - Analog Devices AD5522JSVD Datasheet HTML 41Page - Analog Devices AD5522JSVD Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
AD5522
Preliminary Technical Data
Rev. PrM | Page 38 of 48
READBACK OF SYSTEM CONTROL REGISTER
The readback function is a 24 bit word, mode, address and System Control Register data bits as shown in the following table.
Table 23. Readback System Control Register Data
Bit
Bit name
Description
23 (MSB)
MODE1
0
22
MODE0
0
SYSTEM CONTROL REGISTER SPECIFIC READBACK BITS
21
CL3
20
CL2
19
CL1
18
CL0
Readback the status of the individual Clamp Enable bits. A “0” means the clamp is disabled, while a “1” enabled.
The clamp enable function is also available in the System Control Register. This dual functionality allows flexible
enable or disabling of this function. When reading back information on the status of the clamp enable function,
what was most recently written to the clamp register from either System Control register or PMU register will be
available in the readback word.
17
CPOLH3
16
CPOLH2
15
CPOLH1
14
CPOLH0
Readback information on the Comparator Output Enable status. A “1” signifies the function is enabled, while a
“0” disabled. A logic high indicates that the PMU comparator output is enabled, while if low, it’s disabled. The
comparator output enable function is also available in the PMU Register. This dual functionality allows flexible
enable or disabling of this function. When reading back information on the status of the comparator output
enable function, what was most recently written to the comparator register from either System Control register
or PMU register will be available in the readback word.
13
CPBIASEN
This readback bit tells the status of the Comparator Enable function. A “1” in this bit position means the
Comparator functions are enabled, while a “0” disabled.
12
DUTGND/CH
DUTGND per channel enable. If this bit is set at “1”, DUTGND per channel is enabled, while if “0”, individual
guard inputs are available per channel.
11
GUARD ALM
10
CLAMP ALM
These bits give status on which of these alarm bits trigger the CGALM pin.
9
INT10K
If this bit is set high, the internal 10k resistor is connected between FOH and MEASVH, and between DUTGND
and AGND. If low, they are disconnected.
8
GUARD EN
Readback status of the Guard amplifies. If high, Amplifiers are enabled.
7
GAIN1
6
GAIN0
Status of the selected MEASOUT Output Range.
5
TMP ENABLE
4
TMP1
3
TMP0
Information is available on the status of the setting for Thermal shutdown function. Refer to System control
write register.
2
LATCHED
This bit tells of the status of the open drain outputs. When high, the open drain alarm outputs are latched
outputs, while if low, they are unlatched.
1
0 (LSB)
Unused Readback bits
Will be loaded with zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com