Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVD Datasheet(PDF) 8 Page - Analog Devices

Part # AD5522JSVD
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVD Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5522JSVD Datasheet HTML 4Page - Analog Devices AD5522JSVD Datasheet HTML 5Page - Analog Devices AD5522JSVD Datasheet HTML 6Page - Analog Devices AD5522JSVD Datasheet HTML 7Page - Analog Devices AD5522JSVD Datasheet HTML 8Page - Analog Devices AD5522JSVD Datasheet HTML 9Page - Analog Devices AD5522JSVD Datasheet HTML 10Page - Analog Devices AD5522JSVD Datasheet HTML 11Page - Analog Devices AD5522JSVD Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
AD5522
Preliminary Technical Data
Rev. PrM | Page 8 of 48
NOISE PERFORMANCE
NSD of Measure Voltage In-Amp
290
nV/√Hz
@ 1kHz, measured at MEASOUT
NSD of Measure Current In-Amp
290
nV/√Hz
@ 1kHz, measured at MEASOUT
NSD of Force Amplifier
300
nV/√Hz
@ 1kHz, measured at FOH
POWER SUPPLIES
AVDD
10
28
V
| AVDD–AVSS|
≤ 33V
AVSS
-5
-23
V
DVCC
2.3
5.25
V
AIDD
25
mA
Internal ranges (5μA to 2mA), Excluding Load Conditions
AISS
-25
mA
Internal ranges (5μA to 2mA), Excluding Load Conditions
AIDD
35
mA
External range, Excluding Load Conditions
AISS
-35
mA
External range, Excluding Load Conditions
DICC
3
mA
Max Power Dissipation2
7
W
Power Supply Sensitivity2
From DC to 1kHz
∆Forced Voltage/∆AVDD
-75
dB
∆Forced Voltage/∆AVSS
-75
dB
∆Measured Current/∆AVDD
-75
dB
∆Measured Current/∆AVSS
-75
dB
∆Forced Current/∆AVDD
-75
dB
∆Forced Current/∆AVSS
-75
dB
∆Measured Voltage/∆AVDD
-75
dB
∆Measured Voltage/∆AVSS
-75
dB
∆Forced Voltage/∆DVCC
-90
dB
∆Measured Current/∆DVCC
-90
dB
∆Forced Voltage/∆DVCC
-90
dB
∆Measured Current/∆DVCC
-90
dB
1 Typical specifications are at 25°C and nominal supply, ±15.25V, unless otherwise noted.
2 Guaranteed by design and characterization, not production tested.
FV = Force Voltage, FI = Force Current, MV = Measure Voltage, MI = Measure Current
FSR = Full Scale Range, FSCR = Full Scale Current Range, FS = Full Scale.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com