Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVD Datasheet(PDF) 45 Page - Analog Devices

Part # AD5522JSVD
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVD Datasheet(HTML) 45 Page - Analog Devices

Back Button AD5522JSVD Datasheet HTML 40Page - Analog Devices AD5522JSVD Datasheet HTML 41Page - Analog Devices AD5522JSVD Datasheet HTML 42Page - Analog Devices AD5522JSVD Datasheet HTML 43Page - Analog Devices AD5522JSVD Datasheet HTML 44Page - Analog Devices AD5522JSVD Datasheet HTML 45Page - Analog Devices AD5522JSVD Datasheet HTML 46Page - Analog Devices AD5522JSVD Datasheet HTML 47Page - Analog Devices AD5522JSVD Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Preliminary Technical Data
AD5522
Rev. PrM | Page 45 of 48
TYPICAL APPLICATION FOR THE AD5522
Figure 29 shows the AD5522 as used in an ATE system. This
device can used as a per pin parametric unit in order to speed
up the rate at which testing can be done.
The central PMU shown in the block diagram is usually a
highly accurate PMU, and is shared among a number of pins in
the tester. In general, many discrete levels are required in an
ATE system for the pin drivers, comparators, clamps, and active
loads. DAC devices, such as the AD5379, offer a highly
integrated solution for a number of these levels. The AD5379 is
a dense 40-channel DAC designed with high channel
requirements, such as ATE
.
Comp
Driver
Driver
PPMU
Active Load
DUT
Formatter
De-Skew
Timing
Generator
DLL,Logic
Compare
Memory
Compare
Memory
VH
VL
VTH
VTL
IOL
IOH
VCOM
Relays
50Ω Coax
VCH
VCL
Vterm
GND Sense
Timing Data
Memory
Timing Data
Memory
Formatter
De-Skew
Central PMU
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
ADC
ADC
ADC
DAC
DAC
ADC
ADC
Guard Amp
Guard Amp
Driven Shield
Device Power supply
AD5522
Figure 29. Typical Applications Circuit using the AD5522 as a per pin parametric unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com