Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVD Datasheet(PDF) 22 Page - Analog Devices

Part # AD5522JSVD
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVD Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5522JSVD Datasheet HTML 18Page - Analog Devices AD5522JSVD Datasheet HTML 19Page - Analog Devices AD5522JSVD Datasheet HTML 20Page - Analog Devices AD5522JSVD Datasheet HTML 21Page - Analog Devices AD5522JSVD Datasheet HTML 22Page - Analog Devices AD5522JSVD Datasheet HTML 23Page - Analog Devices AD5522JSVD Datasheet HTML 24Page - Analog Devices AD5522JSVD Datasheet HTML 25Page - Analog Devices AD5522JSVD Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD5522
Preliminary Technical Data
Rev. PrM | Page 22 of 48
SYSTEM FORCE SENSE SWITCHES
Each channel has switches to allow connection of the force
(FOHx) and sense (MEASVHx) lines to a central PMU for
calibration purposes. There is one set of SYS_FORCE and
SYS_SENSE pins per device. For calibration purposes, it is
recommended the SYS_FORCE path be connected individually
to each PMU channel, FOH path.
TEMPERATURE SENSOR
An on board temperature sensor monitors temperatures and in
the event of the temperature exceeding a factory defined value,
(130°C) or a user programmable value, the device will protect
itself by shutting down all channels and will flag an alarm
through the latched open drain TMPALM pin. Alarm status
may be readback from the Alarm Status Register or the PMU
registers where latched and unlatched bits tell if an alarm has
occurred and whether the temperature has dropped below the
set alarm temperature.
MEASURE OUTPUT (MEASOUT)
The measured DUT voltage or current (voltage representation
of DUT current) is available on MEASOUT (0-3) with respect
to AGND. The default MEASOUT range is the forced voltage
range for voltage measure and current measure (nominally
±11.25V, depends on reference voltage and offset DAC) and
includes some over range to allow for offset correction. The
serial interface allows the user to select another MEASOUT
range of VREF to AGND, allowing for a smaller input range ADC
to be used. Each PMU channel MEASOUT line may be made
high impedance via the serial interface.
When using low supply voltages, ensure that there is sufficient
headroom and footroom for the required force voltage range.
The Offset DAC also directly offsets the MEASURE output
voltage level, but only when GAIN1 = 0.
Table 10. MEASOUT Output Ranges
GAIN1 = “0”VREF = 5V
GAIN1 = “1”
MEASOUT Function
MEASOUT Gain = 1
MEASOUT Gain = 1/5
MV
±VDUT (up to 11.25V)
5
4.5VREF
to
0
GAIN0 = “0”
CURRENT MEAS GAIN = 10
±VRSENSE X 10 = up to ±11.25V
0 to 4.5V
MI
GAIN0 = “1”
CURRENT MEAS GAIN = 5
± VRSENSE X 5 = up to ±5.625
0 to 2.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com