Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVD Datasheet(PDF) 41 Page - Analog Devices

Part # AD5522JSVD
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVD Datasheet(HTML) 41 Page - Analog Devices

Back Button AD5522JSVD Datasheet HTML 37Page - Analog Devices AD5522JSVD Datasheet HTML 38Page - Analog Devices AD5522JSVD Datasheet HTML 39Page - Analog Devices AD5522JSVD Datasheet HTML 40Page - Analog Devices AD5522JSVD Datasheet HTML 41Page - Analog Devices AD5522JSVD Datasheet HTML 42Page - Analog Devices AD5522JSVD Datasheet HTML 43Page - Analog Devices AD5522JSVD Datasheet HTML 44Page - Analog Devices AD5522JSVD Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Preliminary Technical Data
AD5522
Rev. PrM | Page 41 of 48
POWER ON DEFAULT
The power on default for all DAC channels is that the contents of each m register is set to full-scale (0xFFFF) and c register to
midscale(0x8000). The contents of the DAC registers are :
Offset DAC: 0xA492, FIN DACs: 0x8000, CLL DACs: 0x0000, CLH DACs: 0xFFFF, CPL DACs: 0x0000, CPH DACs: 0xFFFF
The power on default for the Alarm Status Register is 0xFFFFF0, while the Comparator Status registers powers up at 0x400000. The
power on defaults of the PMU register and the System Control Register are shown below.
Table 28. Power on Default for System Control Register and PMU Register
SYSTEM CONTROL REGISTER POWER ON DEFAULT
PMU REGISTER POWER ON DEFAULT
Bit
Bit name
Description
Bit name
Description
21 (MSB)
CL3
0
CH EN
0
20
CL2
0
FORCE1
0
19
CL1
0
FORCE0
0
18
CL0
0
RESERVED
0
17
CPOLH3
0
C2
0
16
CPOLH2
0
C1
1
15
CPOLH1
0
C0
1
14
CPOLH0
0
MEAS1
1
13
CPBIASEN
0
MEAS0
1
12
DUTGND/CH
0
FIN
0
11
GUARD ALM
0
SFO
0
10
CLAMP ALM
0
SSO
0
9
INT10K
0
CL
0
8
GUARD EN
0
CPOLH
0
7
GAIN1
0
COMPARE V/I
0
6
GAIN0
0
LTMPALM
1
5
TMP ENABLE
1
TMPALM
1
4
TMP1
0
0
3
TMP0
0
0
2
LATCHED
0
0
1
0
0
0 (LSB)
Unused Data Bits
0
Unused Data Bits
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com