Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVD Datasheet(PDF) 12 Page - Analog Devices

Part # AD5522JSVD
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVD Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5522JSVD Datasheet HTML 8Page - Analog Devices AD5522JSVD Datasheet HTML 9Page - Analog Devices AD5522JSVD Datasheet HTML 10Page - Analog Devices AD5522JSVD Datasheet HTML 11Page - Analog Devices AD5522JSVD Datasheet HTML 12Page - Analog Devices AD5522JSVD Datasheet HTML 13Page - Analog Devices AD5522JSVD Datasheet HTML 14Page - Analog Devices AD5522JSVD Datasheet HTML 15Page - Analog Devices AD5522JSVD Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AD5522
Preliminary Technical Data
Rev. PrM | Page 12 of 48
ABSOLUTE MAXIMUM RATINGS
Table 3. AD5522 Absolute Maximum Ratings
Parameter
Rating
Supply Voltage AVDD to AVSS
34V
AVDD to AGND
-0.3V to 34V
AVSS to AGND
0.3V to -34V
VREF to AGND
-0.3 V, +7V
DUTGND to AGND
AVDD +0.3V to AVSS -0.3V
REFGND to AGND
AVDD +0.3V to AVSS -0.3V
DVCC to DGND
- 0.3V to 7V
AGND to DGND
- 0.3V to +0.3V
Digital Inputs to DGND
- 0.3V to DVCC +0.3V
Analog Inputs to AGND
AVSS - 0.3V to AVDD +0.3V
Storage Temperature
–65°C to +125°C
Operating Junction Temperature
+25 to +90°C
Reflow Soldering
Peak Temperature
230°C
Time at Peak Temperature
10s to 40s
Junction Temperature
150°C max
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE3
Thermal resistance values are specified for the worst-case
conditions, i.e., specified for device soldered in circuit board for
surface mount packages.
Table 4. Thermal Resistance (JEDEC 4 layer (1S2P) board)
Air Flow (LFPM)
0
200
500
Unit
TQFP Exposed Pad Down
θ
JA
22.3
17.2
15.1
°C/W
θ
JC
4.8
°C/W
TQFP Exposed Pad Up
θ
JA
TBD
TBD
TBD
°C/W
θ
JC
2
°C/W
Table 5. Thermal Resistance (JEDEC 4 layer (1S2P) board
with cooling plate4 at 45°C, natural convection at 55°C
ambient)
Package Thermals
θ
JA
θ
JC
Unit
TQFP Exposed Pad Down
5.4
4.8
°C/W
TQFP Exposed Pad Up
3.0
2
°C/W
3 Simulated Thermal information.
4 Assumes perfect thermal contact between cooling plate and exposed
paddle
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com