Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVD Datasheet(PDF) 26 Page - Analog Devices

Part # AD5522JSVD
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVD Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5522JSVD Datasheet HTML 22Page - Analog Devices AD5522JSVD Datasheet HTML 23Page - Analog Devices AD5522JSVD Datasheet HTML 24Page - Analog Devices AD5522JSVD Datasheet HTML 25Page - Analog Devices AD5522JSVD Datasheet HTML 26Page - Analog Devices AD5522JSVD Datasheet HTML 27Page - Analog Devices AD5522JSVD Datasheet HTML 28Page - Analog Devices AD5522JSVD Datasheet HTML 29Page - Analog Devices AD5522JSVD Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
AD5522
Preliminary Technical Data
Rev. PrM | Page 26 of 48
CIRCUIT OPERATION
FORCE VOLTAGE, FV
Most PMU measurements are performed while in force voltage
and measure current mode, for example, when the device is
used as a device power supply, or in continuity or leakage
testing. In the force voltage mode, the voltage forced is mapped
directly to the DUT. The voltage measure amplifier completes
the loop giving negative feedback to the forcing amplifier. See
Figure 24.
Forced Voltage at DUT = VFIN
Where:
VFIN = Voltage of the FIN DAC, See VOUT for DAC levels.
DUTGND
MEASVH
DUT
Rsense
up to
(64mA)
EXTMEASIH
EXTMEASIL
FOH
EXTFOH
CFF
FIN
+
-
INTERNAL RANGE SELECT
(5uA, 20uA, 200uA, 2mA)
Rsense
DAC
-
-
-
-
-
-
+
+
+
+
+
+
x5 or x10
x1
AGND
MEASOUT
x1/x0.2
10k
Ω
OFFSET DAC
BIAS TO
CENTER
IRANGE
Figure 24. Forcing voltage, measuring current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com