Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5522JSVD Datasheet(PDF) 14 Page - Analog Devices

Part # AD5522JSVD
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVD Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5522JSVD Datasheet HTML 10Page - Analog Devices AD5522JSVD Datasheet HTML 11Page - Analog Devices AD5522JSVD Datasheet HTML 12Page - Analog Devices AD5522JSVD Datasheet HTML 13Page - Analog Devices AD5522JSVD Datasheet HTML 14Page - Analog Devices AD5522JSVD Datasheet HTML 15Page - Analog Devices AD5522JSVD Datasheet HTML 16Page - Analog Devices AD5522JSVD Datasheet HTML 17Page - Analog Devices AD5522JSVD Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AD5522
Preliminary Technical Data
Rev. PrM | Page 14 of 48
32
49
SDO
Serial data out, for readback and diagnostic purposes
35
46
CPOL2/CPO0
Comparator output Low, comparator window in LVDS interface mode
36
45
CPOH2/CPO1
Comparator output Low, comparator window in LVDS interface mode
37
44
CPOL3/CPO2
Comparator output Low, comparator window in LVDS interface mode
38
43
CPOH3/CPO3
Comparator output Low, comparator window in LVDS interface mode
66, 65, 64,
63
15, 16, 17,
18
MEASOUT(0-3)
Multiplexed DUT voltage/Current sense output/temperature sensor voltage per channel,
referenced to AGND.
68
13
SYS_FORCE
External FORCE signal input, enables connection of system PMU.
70
11
SYS_SENSE
External SENSE signal output, enables connection of system PMU.
71
10
REFGND
Accurate analog reference input ground.
72
9
VREF
Reference Input for DAC channels, 5V for specified performance.
75
6
SPI/LVDS
Interface select pin. Logic low selects SPI interface compatible mode, logic high selects
LVDS interface mode. In LVDS mode the CPOH(0-3) pins default to differential interface
pins.
76
5
CGALM
CGALM is an open drain pin providing shared Alarm information for Guard amplifier and
Clamp circuitry.
By default, this output pin is disabled. The System Control Register allows user to enable
this function and to set the open drain output as a latched output, or to configure either
the Guard or Clamp function or both flagging the alarm pin.
When this pin flags an alarm, the origins of the alarm may be determined by reading back
the Alarm Status Register. Two flags per channel in this word (one latched, one unlatched)
indicate which function caused the alarm and if the alarm is still present.
77
4
TMPALM
The function of this pin is to flag a Temperature Alarm. It is a latched active low open drain
output indicating the junction temperature has exceeded either the programmed or
default (130degC) temperature setting.
Two flags in the Alarm Status Register (one latched, one unlatched) indicate if the
temperature has dropped below 130degC or still above. User action is required to clear this
latched alarm flag, by writing to the “CLEAR” bit in any of the PMU registers.
78
3
RESET
Active low, level sensitive input used to reset all internal nodes on the device to their
power-on reset value.
3, 18, 43, 58
78, 63, 38,
23
CCOMP(0-3)
Compensation capacitor Input per channel. See section on compensation capacitors..
2, 19, 42, 59
79, 62, 39,
22
CFF (0-3)
External capacitor optimizing the stability performance of the force amplifier (per
channel).. See section on Compensation Capacitors
80, 21, 40,
61
1, 60, 41,
20
EXTFOH(0-3)
Per channel, Force output for high current range. Use external resistor here for current
range up to 64mA.
6, 15, 46, 55
75, 66, 35,
26
FOH(0-3)
Per channel force output for all other ranges.
4, 17, 44, 57
77, 64, 37,
24
EXTMEASIH(0-3)
Per channel sense input (high sense) for high current range.
5, 16, 45, 56
76, 65, 36,
25
EXTMEASIL(0-3)
Per channel sense input (Low sense) for high current range.
9, 12, 49, 52
72, 69, 32,
29
MEASVH(0-3)
Per channel DUT voltage sense input (high sense)
73
8
DUTGND
DUT voltage sense input (low sense). By default, DUTGND is shared between all four PMU
channels. If user requires a DUTGND input per channel, the GUARDIN (0-3)/DUTGND(0-3)
pin may be configured to be a DUTGND input per each PMU channel.
7, 14 , 47, 54
74, 67, 34,
27
GUARD (0-3)
Guard output drive.
8, 13, 48, 53
73, 68, 33,
28
GUARDIN(0-3)
/DUTGND(0-3)
This pin has dual functionality; it may be either a Guard input per channel or DUTGND per
channel.
Its function is determined via the serial interface. The power on default is GUARDIN, where
it functions as the input to the Guard Amplifier.
Alternatively, it may be configured to be used as a DUTGND input per channel.
In this case, the input to the Guard amplifier is internally connected to MEASVH and the
GUARDIN/DUTGND pin is used as a DUTGND input per channel. See section on Guard
Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com