Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48I-R Datasheet(PDF) 21 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 21 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 17Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 18Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 19Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 20Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 21Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 22Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 23Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 24Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 25Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 21 of 80
1.888.824.4184
Figure 11. R214 (D6) RP0 Register Pointer 0
Bit
7
6
5
4
3
2
1
0
RP7
RP6
RP5
RP4
RP3
Not
Used
Not
Used
Not
Used
Initial Value
1
1
0
0
0
-
-
-
Read/Write
R/W
R/W
R/W
R/W
R/W
-
-
-
Register Pointer 0 (RP0) defines a moveable, 8-register section of the register space. The registers within
these spaces are called working registers. RP0 is used in addressing modes where the register operand is
expressed as a 4-bit address.
At reset, RP0 points to R192.
Figure 12. R215 (O7) RP1 Register Pointer 1
Bit
7
6
5
4
3
2
1
0
RP7
RP6
RP5
RP4
RP3
Not
Used
Not
Used
Not
Used
Initial Value
?
?
?
?
?
?
?
?
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Register Pointer 1 (RP1) defines a moveable, 8-register section of the register space. The registers within
these spaces are called working registers. RP1 is used in addressing modes where the register operand is
expressed as a 4-bit address.
At reset, RP0 points to R200.
Figure 13. R216 (D8) SPH Stack Pointer
Bit
7
6
5
4
3
2
1
0
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
Initial Value
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Stack operations are supported in the register file or in data memory. Bit 1 in the external Memory Timing
register (R254B0) selects between the two.
Register pair R216-R217 forms the Stack Pointer used for all stack operations. R216 is the MSB and
R217 is the LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com