Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48I-R Datasheet(PDF) 70 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 70 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 66Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 67Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 68Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 69Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 70Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 71Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 72Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 73Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 74Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 70 of 80
1.888.824.4184
Figure 66. 12 MHz Timing
No.
Symbol
Normal
Min
Max
Extended
Min
Max
1
TdA (AS)
55
135
2
ThAS (A)
55
135
3
TdAS (DI)
305
630
4
TwAS
70
150
5
TdAZ (DSR)
0
0
6
TwDSR
240
480
7
TwDSW
150
320
8
TdDSR (DI)
215
440
9
ThDSR (DI)
0
0
10
TdDS (A)
55
130
11
TdDS (AS)
45
125
12
TdR/W (AS)
55
135
13
TdDS (R/W)
45
125
14
TdDO (DSW)
65
150
15
ThDSW (DO)
45
125
16
TdA (DI)
365
770
17
TdAS (DSR)
55
135
18
TsDI (DSR)
25
25
19
TdDM (AS)
50
130
20
TdDS (DM)
45
125
21
ThDS (A)
45
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com