Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48I-R Datasheet(PDF) 33 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 33 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 29Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 30Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 31Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 32Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 33Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 34Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 35Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 36Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 37Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 33 of 80
1.888.824.4184
D4 - WUEB - Wake-up Enable - If this bit is set to 1, wake-up mode is enabled for both the transmitter
and the receiver. The transmitter adds a bit beyond those specified by the bits/character and the parity.
This added bit has the value specified in the Transmit Wake-up Value (TWUVAL) in the UMA register
(ControlRegR250B0). The reveiver expects a Wake-Up bit value in the incoming data stream after the
parity bit and compares this value with that specified in the Received Wake-Up value (RWVAL) bit in the
UMA register. The resulting action depends on the configuration of the Wake-up feature.
D5 - STPBTS - Stop Bits - This bit determines the number of stop bits added to each character
transmitted from the UART transmit section. If this bit is a 0, one stop bit is added. If this bit is a 1, two
stop bits are added. The receiver always checks for at least one stop bit. A hardware reset forces this bit to
0.
D6 - SENBRK - Send Break - When set to 1, this bit forces the transmit section to continuously output
0s, beginning with the following transmit clock, regardless of any data being transmitted at the time. This
bit functions whether or not the transmitter is enabled. When this bit is cleared to 0, the transmit section
continues to send the contents of the Transmit Data Register. A hardware reset forces this bit to 0.
D7 - TXDTSEL - Transmit Data Select - This bit has an effect only if port pin P31 is configured as an
output. If this bit is set to 1, the serial data coming out of the transmit section is reflected on the P31 pin.
If this bit is set to 0, P31 acts as a normal port and P31 data is reflected on the P31 pin. A hardware reset
forces this bit to 0.
Figure 30. UART Receive Control (URC), R236 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
D0 - RCA - Receive Character Available - This is a status bit that is set to a 1 when data is available in
the receive buffer (UIOR). When the CPU reads the receive buffer, it automatically clears this bit to 0. A
write to this possition has not effect. A hardware reset forces this bit to 0.
D1 - RENB - Receive Enable - When this bit is set to 1, the receive operation begins. This bit should be
set only after all other receive parameters are established and the reciver is completely initialized. A
hardware reset clears this bit to 0.
D2 - PERR - Parity Error - This is a status bit. When parity is enabled, this bit is set to 1 and buffered
with the character whose parity does not match the programmed parity (even/odd). This bit is latched so
that once an error occurs, it remains set until it is cleared to 0 by writing a 1 to this bit position.
D3 - OVERR - Overrun Error - This status bit indicates that the receive buffer has not been read and
another character has been received. Only the character that has been written over is flagged with this
error. Once set, this bit remains set until cleared to 0 by writing a 1 to this bit position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com