Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48I-R Datasheet(PDF) 9 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 9 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 5Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 6Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 7Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 8Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 9Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 10Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 11Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 12Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 13Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 9 of 80
1.888.824.4184
Figure 5. 68-Lead PLCC-Pin Assignments
Pin #
Symbol
Function
Direction
1
NC
Note Connected
2-7
P10-15
Port 1, pins 0,1,2,3,4,5
In/Output
8-10
NC
Not Connected
11
Vcc
Power Supply
Input
12
De-Mux
De-multiplex Pin
Input
13-14
P16-17
Port 1, pins 6,7
In/Output
15-16
P24-25
Port 2, pins 4,5
In/Output
17
Vcc
Power Supply
Input
18
GND
Ground
Input
19
Vcc
Power Supply
Input
20
XTAL2
Crystal Oscillator
In/Output
21
XTAL1
Crystal Oscillator
In/Output
22-25
P44-47
Port 4, points 4,5,6,7
In/Output
26-27
NC
Not Connected
28
P22
Port 2, pin 2
In/Output
29
NC
Not Connected
30-31
P32-33
Port 3, pins 2,3
In/Output
32-34
P23-21
Port 2, pins 3,0,1
In/Output
35
P31
Port 3, pin 1
In/Output
36
NC
Not Connected
37
P30
Port 3, pin 0
In/Output
38-39
P26-27
Port 2, pins 6,7
In/Output
40-41
P37-36
Port 3, pins 7,6
In/Output
42
/RESET
RESET
Input
43-44
NC
Not Connected
45
R//W
READ/WRITE
Output
46-47
P43-42
Port 4, pins 3,2
In/Output
48-49
GND
Ground
Input
50-51
P41-40
Port 4, pins 1,0
In/Output
52
/DS
Data Strobe
Output
53
/AS
Address Strobe
Output
54-55
P43-42
Port 3, pins 5,4,3,2
In/Output
56-57
P07-06
Port 0, pins 7,6
In/Output
58
Vcc
Power Supply
Input
59-61
NC
Not Connected
62-65
P05-02
Port 0, pins 5,4,3,2
In/Output
66
GND
Ground
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com