Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48I-R Datasheet(PDF) 32 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 32 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 28Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 29Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 30Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 31Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 32Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 33Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 34Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 35Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 36Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 32 of 80
1.888.824.4184
D5 WDT
The Watch-Dog Timer is initially enabled by writing a 1 to D5 and retriggered on subsequent writings to
the same bit. Reset value = 0. Writing a 0 to this bit has no effect. Once a 1 is written to D5, it persists
until a hardware reset occurs.
D6, D7 WDT Time-Out
Two sets of four different time-out values can be selected, depending on the logical state of these bits.
A normal reset signal must be active low during 5 XTAL clock periods. Using the reset signal input to
recover from STOP mode requires 10 XTAL clock periods. This is so that XTAL oscillation starts up and
stabilizes, generating a good oscillator output level.
The reset pin is held low in source during WDT timer time-out to accomplish a system reset with other
peripherals of the Super8. When the reset pin is held low, the capability of sink current via the reset pin
should be considered. (See DC Characteristics.)
Figure 29. UART Transmit Control (UTC), R235 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
0
0
0
0
0
0
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
This register cont ains the status and command bits needed to control the transmit sections of the UART.
0 - TDMAENB - Transmit DMA Enable - When this bit is set to 1, the DMA function for the UART
transmit section is enabled. If this bit is set and the Transmit Buffer Empty signal becomes true, a DMA
request is made. When the DMA channel gains control of the bus, it transfers bytes from the external
memory or the register file to the UART transmit section. A hardware reset forces this bit to 0.
D1 - TBE - Transmit Buffer Empty - This status bit is set to 1 whenever the transmit buffer is empty. It
is cleared to 0 when a data byte is written in the transmit buffer. A hardware reset forces this bit to 1.
D2 - ZC - Zero Count - This status bit is set to 1 and latched when the counter in the baud-rate generator
reaches the count of 0. This bit can be cleared to 0 by writing a 1 to this bit position. A hardware reset
forces this bit to 0.
D3 - TENB - Transmit Enable - Data is not transmitted until this bit is set to 1. When cleared to 0, the
Transmit Data pin continuously outputs 1s unless Auto-Echo mode is selected. This bit should be cleared
only after the desired transmission of data in the buffer is completed. A hardware reset forces this bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com