Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48I-R Datasheet(PDF) 40 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 40 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 36Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 37Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 38Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 39Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 40Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 41Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 42Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 43Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 44Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 40 of 80
1.888.824.4184
Figure 39. Port 4 Open-Drain (P4OD), R247 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
0
0
0
0
0
0
0
0
Read/Write
?
?
?
?
?
?
?
?
The Port 4 Open-Drain register defines the output driver type for Port 4. If a bit of Port 4 has been
configured as an output and the corresponding bit in the Port 4 Open-Drain register is a 1, the Port 4 bit
will have an open-drain output driver. If it is a 0, the Port 4 bit will have a push-pull output driver. If the
bit of Port 4 has been configured as an input, the corresponding bit is the Port 4 Open-Drain register has
no effect.
Figure 40. Port 4 Open-Drain (P4OD), R247 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
0
0
0
0
0
0
0
0
Read/Write
W/O
W/O
W/O
W/O
W/O
W/O
W/O
W/O
The Port 2/3 A Mode, Port 2/3 B Mode, Port 2/3 C Mode and Port 2/3 D Mode registers control the
modes of Ports 2 and 3. A separate 2-bit field for each of the bits of Ports 2 and 3 configures the bit as
input or output. The field also controls whether the bit is enabled as an external interrupt source and
selects the oputpus as open-drain or push-pull.
Figure 41. Port 2/3 A Mode Register, R248 Bank 0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Initial Value
0
0
0
0
0
0
0
0
Read/Write
W/O
W/O
W/O
W/O
W/O
W/O
W/O
W/O
The Port 2/3 A Mode, Port 2/3 B Mode, Port 2/3 C Mode and Port 2/3 D Mode registers control the
modes of Ports 2 and 3. A separate 2-bit field for each of the bits of Ports 2 and 3 configures the bit as
input or output. The field also controls whether the bit is enabled as an external interrupt source and
selects the oputpus as open-drain or push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com