Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48I-R Datasheet(PDF) 63 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 63 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 59Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 60Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 61Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 62Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 63Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 64Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 65Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 66Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 67Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 63 of 80
1.888.824.4184
Pins
The UART uses the following Port 2 and 3 pins:
Figure 61. Port 2 and 3 Pins
Port/Pin
UART Function
2/0
Receive Clock
3/0
Receive Data
2/1
Transmit Clock
3/1
Transmit Data
Transmitter
Data is output on the UART when the UART’s register is specified as the destination (dst) of an
operation. This automatically adds the start bit, the programmed parity bit and the programmed number of
stop bits. It can also add a wake-up bit if that option is selected.
The extra bits in R239 are ignored if the UART is programmed to a 5-, 6-, or 7-bit character.
Depending on the programmed data rate, serial data is transmitted at a rate equal to 1, 1\16, 1\32 or 1\64
of the transmitter clock rate. All data is sent out on the falling edge of the clock input.
When the UART has no data to send, it holds the output marking (High). It can be programmed with the
Send Break command to hold the output marking Low (Spacing). This output marking continues until the
command is cleared.
Receiver
The UART begins receive operation when Receive Enable (URC, bit 0) is set to High. After this, a Low
on the receive input pin for longer than half a bit time is interpreted as a start bit. The UART samples the
data on the input pin in the middle of each clock cycle until a complete byte is assembled. This completed
byte is placed in the Receive Data register.
If the 1X clock mode is selected, external bit synchronization must be provided, and the input data is
sampled on the rising edge of the clock.
For character lengths of less than eight bits, the UART inserts 1s into the unused bits. And if parity is
enabled, the parity bit is not stripped. The data bits, extra 1s and the parity bits are placed in the UART
Data register (UIO).
While the UART is assembling a byte in its input shift register, the CPU has time to service an interrupt
and manipulate the data character in UIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com