Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48I-R Datasheet(PDF) 7 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 7 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 3Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 4Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 5Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 6Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 7Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 8Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 9Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 10Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 11Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 7 of 80
1.888.824.4184
Figure 3. 48-Lead DIP Pin Assignments
Pin #
Symbol
Function
Direction
1-8
P10-17
Port 1, pins 0,1,3,4,5,6,7
In/Output
9-10
P24-25
Port 2, pins 4,5
In/Output
11
Vcc
Power Supply
Input
12
XTAL2
Crystal Oscillator
Output
13
XTAL1
Crystal Oscillator
Output
14-17
P44-47
Port 4, pins 4,5,6,7
Input/Output
18
P22
Port 2, pin 2
Input/Output
19-20
P32-21
Port 2, pins 2,3
Input/Output
21-23
P23-21
Port 2, pins 3,0,1
Input/Output
24-25
P31-30
Port 3, pins 1,0
Input/Output
26-27
P26-27
Port 2, pins 6,7
Input/Output
28-29
P37-36
Port 3, pins 7,6
In/Output
30
/RESET
RESET
Input
31
R/W
READ/WRITE
Output
32-33
P43-42
Port 4, pins 3,2
In/Output
34
GND
Ground
Input
35-36
P41-40
Port 4, pins 1,0
In/Output
37
/DS
Data Strobe
Output
38
/AS
Address Strobe
Output
39-40
P35-34
Port 3, pins 5,4
In/Output
41-48
P07-00
Port 0, pins 7,6,5,4,3,2,1,0
In/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com