Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48I-R Datasheet(PDF) 17 Page - InnovASIC, Inc

Part # IA88C00-PDW48I-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48I-R Datasheet(HTML) 17 Page - InnovASIC, Inc

Back Button IA88C00-PDW48I-R Datasheet HTML 13Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 14Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 15Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 16Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 17Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 18Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 19Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 20Page - InnovASIC, Inc IA88C00-PDW48I-R Datasheet HTML 21Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 17 of 80
1.888.824.4184
Register List
Figure 9 displays the IA88C00registers. For more details, see the registers presented under Mode and
Control Registers.
Figure 9. IA88C00Registers
Decimal
Address
Hexadecimal
Mnemonic
Function
General Purpose Registers
00-192
00-BF
-
General purpose (all address modes)
192-207
00-CF
-
Working Register (direct only)
192-255
C0-FF
-
General purpose (indirect only)
Mode and Control Registers
208
D0
P0
Port 0 I/O bits
209
D1
P1
Port 1 (I/O only)
210
D2
P2
Port 2
211
D3
P3
Port 3
212
D4
P4
Port 4
213
D5
FLAGS
System Flags Register
214
D6
RP0
Register Pointer 0
215
D7
RP1
Register Pointer 1
216
D8
SPH
Stack Pointer Low Byte
217
D9
SPL
Stack Pointer High Byte
218
DA
IPH
Instruction Pointer High Byte
219
DB
IPL
Instruction Pointer Low Byte
220
DC
IRQ
Interrupt Request
221
DD
IMR
Interrupt Mask Register
222
DE
SYM
System Mode Register
223
DF
HMR
Hall Mode Register
224
E0
Bank 0
COCT
CTR 0 Control
Bank 1
COM
CTR 0 Mode
225
E1
Bank 0
C1CT
CTR 1 Control
Bank 1
C1M
CTR 1 Mode
226
E2
Bank 0
COCH
CTR 0 Capture Register, bits 8-15
Bank 1
COTCH
CTR 0 Timer Constant, bits 8-15
227
E3
Bank 0
COCL
CTR 0 Capture Register, bits 0-7
Bank 1
COTCL
CTR 0 Time Constant, bits 0-7
228
E4
Bank 0
C1CH
CTR 1 Capture Register, bits 8-15
Bank 1
C1TCH
CTR 1 Time Constant, bits 8-15
229
E5
Bank 0
C1CL
CTR 1 Capture Register, bits 0-7
Bank 1
C1TCL
CTR 1 Time Constant, bits 0-7
230
E6
Bank 0
CTPRS
Counter Prescaler
230
E6
Bank 1
WDTSMR
Watch-Dog/Stop Mode Register
235
EB
Bank 0
UTC
UART Transmit Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com