Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
22
Freescale Semiconductor
8.5.1
Single Port Operation
The integrated RF switch allows users to operate in a single port configuration. In Single Port Mode, an
internal RX switch and separate PA are used and pins RFIN_P (PAO_P) and RFIN_M (PAO_M) become
bidirectional and connect both for TX and RX. When receiving, the RX switch is enabled to the internal
LNA and the TX PA is disabled. When transmitting, the RX switch is disabled (isolating the LNA) and a
TX PA is enabled. The optional CT_Bias pin provides a reference or bias voltage which is at VDDA for
transmit and is at ground for receive. This signal can be used to provide the proper bias voltage to a balun
that converts a single-ended antenna to the differential interface required by the transceiver.
Figure 13. Single Port RF Operation with a Balun
Figure 13 shows a single port example with a balun. The CT_Bias is connected to the balun center-tap
providing the proper DC bias voltage to the balun depending on RX or TX.
8.5.2
Dual Port Operation
A second set of pins designated PAO_P and PAO_N allow operation in a dual port configuration. There
are separate paths for transmit and receive with the optional CT_Bias pin providing a signal that indicates
if the radio is in TX or RX Mode which then can be used to drive an external low noise amplifier, power
amplifier, or antenna switch.
In dual port operation, the RFIN_P and RFIN_N are inputs only, the internal RX switch to the LNA is
enabled to receive, and the associated TX PA stays disabled. Pins PAO_P and PAO_N become the
differential output pins and the associated TX PA is enabled for transmit.
Figure 14 shows two dual port configurations. First is a single antenna configuration with an external low
noise amplifier (LNA) for greater range. An external antenna switch is used to multiplex the antenna
between receive and transmit. An LNA is in the receive path to add gain for greater receive sensitivity.
Two external baluns are required to convert the single-ended antenna switch signals to the differential
signals required by the radio. Separate RFIN and PAO signals are provided for connection with the baluns,
and the CT_bias signal is programmed to provide the external switch control. The polarity of the external
switch control is selectable.
Balun
Bypass
RFIN_P (PAO_P)
RFIN_M (PAO_M)
CT_Bia
s
PAO_P
PAO_M
MC13201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com