Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 26Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 27Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 28Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
24
Freescale Semiconductor
8.6
Controlling RF Modes of Operation
Use of the RF interface pins and RF modes of operation are controlled through several bits of modem
Control_B Register 07. Figure 15 shows the model for Register 07 with the RF interface control bits
highlighted.
Figure 15. Control_B Register 07 Model
The RF interface control bits include:
•
RF_switch_mode (Bit 12) - This bit selects Dual Port Mode versus Single Port Mode:
— The default condition (Bit 12 = 0) is Dual Port Mode where the RF inputs are RFIN_M and
RFIN_P and the RF outputs are PAO_M and PAO_P, and operation is as described in
Section 8.5.2, “Dual Port Operation. The use of CT_Bias pin in Dual Port Mode is controlled
by Bit 13 and Bit 12.
— When Bit = 1, the Single Port Mode is selected where RFIN_M (PAO_M) and RFIN_P
(PAO_P) become bidirectional pins and operation is as described in Section 8.5.1, “Single Port
Operation. The use of CT_Bias pin in Dual Port Mode in controlled by Bit 13 and Bit 12.
•
Ct_bias_en (Bit 14) - This bit is the enable for the CT_Bias output. When Bit 14 = 0 (default), the
CT_Bias is disabled and stays in a Hi-Z or tri-stated condition. When Bit 14 = 1, the CT_Bias
output is active and its state is controlled by the selected mode (Bit 12), ct_bias_inv, and operation
of the radio.
•
Ct_bias_inv (Bit 13) - This bit only affects the state of CT_Bias when Dual Port Mode is selected
and CT_bias is active. The CT_Bias changes state in Dual Port Mode based on the TX or RX state
of the radio. The ct_bias_inv bit causes the sense of the active state to change or invert based on
Bit 13’s setting. In this manner, the user can select the CT_Bias as a control signal for external
components and make the control signal active high or active low.
Register 07
0x07
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TYPE
r/w r/w r/w r/w r/w
r/w
r/w r/w r/w
r/w
r/w
RESET
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0x0C00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com