Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  13201 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
Freescale Semiconductor
3
•
Integrated transmit/receive switch
•
Dual PA output pairs which can be programmed for full differential single port or dual port
operation that supports an external LNA and/or PA
•
Three power down modes for increased battery life
— < 1 µA Off current
— 1.0 µA Typical Hibernate current
— 35 µA Typical Doze current (no CLKO)
•
Programmable frequency clock output (CLKO) for use by MCU
•
Onboard trim capability for 16 MHz crystal reference oscillator eliminates need for external
variable capacitors and allows for automated production frequency calibration
•
Four internal timer comparators available to supplement MCU timer resources
•
Buffered transmit and receive data packets for simplified use with low cost MCUs
•
Seven GPIO to supplement MCU GPIO
•
Operating temperature range: -40 °C to 85 °C
•
Small form factor QFN-32 Package
— Meets moisture sensitivity level (MSL) 3
— 260 °C peak reflow temperature
— Meets lead-free requirements
2.1
Software Support
Freescale provides a software suite to complement the MC13201 hardware which is called the Freescale
Simple MAC (SMAC):
•
Simple proprietary wireless connectivity.
•
Small memory footprint (about 3 Kbytes typical)
•
Supports point-to-point and star network configurations
•
Proprietary networks
•
Source code and application examples provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com