Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
Freescale Semiconductor
7
5
Electrical Characteristics
5.1
Maximum Ratings
5.2
Recommended Operating Conditions
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Power Supply Voltage
VBATT, VDDINT
-0.3 to 3.6
Vdc
Digital Input Voltage
Vin
-0.3 to (VDDINT + 0.3)
RF Input Power
Pmax
10
dBm
Junction Temperature
TJ
125
°C
Storage Temperature Range
Tstg
-55 to 125
°C
Note: Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
or Recommended Operating Conditions tables.
Note: Meets Human Body Model (HBM) = 2 kV. RF input/output pins have no ESD protection.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (VBATT = VDDINT)
1
1 If the supply voltage is produced by a switching DC-DC converter, ripple should be less than 100 mV peak-to-peak.
VBATT,
VDDINT
2.0
2.7
3.4
Vdc
Input Frequency
fin
2.405
-
2.480
GHz
Ambient Temperature Range
TA
-40
25
85
°C
Logic Input Voltage Low
VIL
0-
30%
VDDINT
V
Logic Input Voltage High
VIH
70%
VDDINT
-VDDINT
V
SPI Clock Rate
fSPI
--
8.0
MHz
RF Input Power
Pmax
--
10
dBm
Crystal Reference Oscillator Frequency (±40 ppm over
operating conditions to meet the 802.15.4 Standard.)
fref
16 MHz Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com