Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
14
Freescale Semiconductor
7
Pin Connections
Table 8. Pin Function Description
Pin #
Pin Name
Type
Description
Functionality
1
RFIN_M
RF Input
RF input/output negative.
When used with internal T/R switch, this is
a bi-directional RF port for the internal LNA
and PA
2
RFIN_P
RF Input
RF input/output positive.
When used with internal T/R switch, this is
a bi-directional RF port for the internal LNA
and PA
3
CT_Bias
Control voltage
Bias voltage/control signal for
external RF components
When used with internal T/R switch,
provides RX ground reference and TX
VDDA reference for use with external
balun. Can also be used as a control signal
for external LNA, PA, or T/R switch.
4
NC
Tie to Ground.
5
PAO_P
RF Output /DC Input RF Power Amplifier Output Positive.
Open drain. Connect to VDDA through a
bias network when used with an external
balun. Not used when internal T/R switch is
used.
6
PAO_M
RF Output/DC Input RF Power Amplifier Output Negative. Open drain. Connect to VDDA through a
bias network when used with an external
balun. Not used when internal T/R switch is
used.
7
SM
Input
Test mode pin.
Must be grounded for normal operation.
8
GPIO41
Digital Input/ Output General Purpose Input/Output 4.
See Footnote 1
9
GPIO3
Digital Input/ Output General Purpose Input/Output 3.
10
GPIO2
Digital Input/ Output General Purpose Input/Output 2.
When gpio_alt_en, Register 9, Bit 7 =
1, GPIO2 functions as a “CRC Valid”
indicator.
11
GPIO1
Digital Input/ Output General Purpose Input/Output 1.
When gpio_alt_en, Register 9, Bit 7 =
1, GPIO1 functions as an “Out of Idle”
indicator.
12
RST
Digital Input
Active Low Reset. While held low, the
IC is in Off Mode and all internal
information is lost from RAM and SPI
registers. When high, IC goes to IDLE
Mode, with SPI in default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com