Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  13201 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Freescale Semiconductor, Inc., 2005, 2006, 2007. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
Document Number: MC13201
Rev. 1.1, 03/2007
MC13201
Package Information
Plastic Package
Case 1311-03
QFN -32
Ordering Information
Device
Device Marking
Package
MC13201
13201
QFN-32
1
Introduction
The MC13201 is a short range, low power, 2.4 GHz
Industrial, Scientific, and Medical (ISM) band
transceivers. The MC13201 contains a complete packet
data modem which is compliant with the IEEE®
802.15.4 Standard PHY (Physical) layer. This allows the
development of proprietary point-to-point and star
networks based on the 802.15.4 packet structure and
modulation format. For full 802.15.4 Standard
compliance, the MC13202/203 and Freescale's 802.15.4
MAC software are required.
When combined with an appropriate microcontroller
(MCU), the MC13201 provides a cost-effective solution
for short-range data links and networks. Interface with
the MCU is accomplished using a four wire serial
peripheral interface (SPI) connection and an interrupt
request output which allows for the use of a variety of
processors. The software and processor can be scaled to
fit applications ranging from simple point-to-point
systems to star networks.
MC13201
2.4 GHz Low Power Transceiver
for the IEEE® 802.15.4 Standard
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3 Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . 4
4 Data Transfer Mode . . . . . . . . . . . . . . . . . . . . 5
5 Electrical Characteristics . . . . . . . . . . . . . . . 7
6 Functional Description . . . . . . . . . . . . . . . . 10
7 Pin Connections . . . . . . . . . . . . . . . . . . . . . . 14
8 Crystal Oscillator Reference Frequency . . 18
9 Packaging Information . . . . . . . . . . . . . . . . . 27


Similar Part No. - 13201

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13201 FREESCALE-13201 Datasheet
344Kb / 28P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
logo
Heyco.
13201 HEYCO-13201 Datasheet
153Kb / 1P
Nytye® Heavy Duty Nylon Cable Ties
logo
ITT Industries
132015-0073 ITT-132015-0073 Datasheet
56Kb / 2P
Brand: Cannon Product Category: Trident Product Line: Trident
logo
TE Connectivity Ltd
1320190-1 TEC-1320190-1 Datasheet
186Kb / 4P
Read these instructions and understand them before using the seating tool.
logo
Heyco.
13201B HEYCO-13201B Datasheet
153Kb / 1P
Nytye® Heavy Duty Nylon Cable Ties
More results

Similar Description - 13201

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com