Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
16
Freescale Semiconductor
27
XTAL2
Input/Output
Crystal Reference oscillator output
Note: Do not load this pin by using it
as a 16 MHz source. Measure
16 MHz output at Pin 15,
CLKO, programmed for 16
MHz. See the MC13201
Reference Manual for details.
Connect to 16 MHz crystal and load
capacitor.
28
VDDLO2
Power Input
LO2 VDD supply. Connect to VDDA
externally.
29
VDDLO1
Power Input
LO1 VDD supply. Connect to VDDA
externally.
30
VDDVCO
Power Output
VCO regulated supply bypass.
Decouple to ground.
31
VBATT
Power Input
Analog voltage regulators Input.
Connect to Battery.
Decouple to ground.
32
VDDA
Power Output
Analog regulated supply Output.
Connect to directly VDDLO1 and
VDDLO2 externally and to PAO±
through a bias network.
Note: Do not use this pin to supply
circuitry external to the chip.
Decouple to ground.
EP
Ground
External paddle / flag ground.
Connect to ground.
1 The transceiver GPIO pins default to inputs at reset. There are no programmable pullups on these pins. Unused GPIO pins
should be tied to ground if left as inputs, or if left unconnected, they should be programmed as outputs set to the low state.
2 During low power modes, input must remain driven by MCU.
3 By default MISO is tri-stated when CE is negated. For low power operation, miso_hiz_en (Bit 11, Register 07) should be set
to zero so that MISO is driven low when CE is negated.
Table 8. Pin Function Description (continued)
Pin #
Pin Name
Type
Description
Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com