Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 26Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
Freescale Semiconductor
23
Figure 14 also shows a dual antenna configuration where there is a RX antenna and a TX antenna. For the
receive side, the RX antenna is ac-coupled to the differential RFIN inputs and these capacitors along with
inductor L1 form a matching network. Inductors L2 and L3 are ac-coupled to ground to form a frequency
trap. For the transmit side, the TX antenna is connected to the differential PAO outputs, and inductors L4
and L5 provide DC-biasing to VDDA but are ac-isolated. CT_Bias is not required or used.
Figure 14. Dual Port RF Configuration Examples
Using External Antenna Switch with LNA
Using Dual Antenna
Balun
Bypass
RFIN_P (PAO_P)
RFIN_M (PAO_M)
CT_Bia
s
PAO_P
PAO_M
MC13201
LNA
Ant
Sw
Balun
VDD
VDDA
Bypass
RFIN_P (PAO_P)
RFIN_M (PAO_M)
CT_Bias
PAO_P
PAO_M
MC13201
VDDA
TX Antenna
Bypass
Bypass
L1
L2
L3
L4
L5
RX Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com