Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 26Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 27Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 28Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
26
Freescale Semiconductor
8.8
RF Single Port Application with an F Antenna
Figure 16 shows a typical single port RF application in which part count is minimized and a printed copper
F antenna is used for low cost. Only the RFIN port of the MC13201 is required because the differential
port is bi-directional and uses the on-chip T/R switch. Matching to near 50 Ohms is accomplished with L1,
L2, L3, and the traces on the PCB. A balun transforms the differential signal to single-ended to interface
with the F antenna.
The proper DC bias to the RFIN_x (PAO_x) pins is provided through the balun. The CT_Bias pin provides
the proper bias voltage point to the balun depending on operation, that is, CT_Bias is at VDDA voltage for
transmit and is at ground for receive. CT_Bias is switched between these two voltages based on the
operation. Capacitor C2 provides some high frequency bypass to the DC bias point. The L3/C1 network
provides a simple bandpass filter to limit out-of-band harmonics from the transmitter.
Figure 16. RF Single Port Application with an F-Antenna
TX
1
0
1
0
TX
0
X
X
Hi-Z
Idle
1
X
X
0
Idle
0
X
X
Hi-Z
Doze
1
X
X
0
Doze
0
X
X
Hi-Z
Hibernate
1
X
X
0 (Low-Z)
Hibernate
0
X
X
Hi-Z
Off
XXX
Unknown
Table 11. CT_Bias Output vs. Register Settings (continued)
Mode
CT_Bias_en
RF_switch_mode
CT_Bias_inv
CT_Bias
L2
6.8nH
5
1
6
2
3
4
Z1
LDB212G4005C-001
L3
3.9nH
C1
1.0pF
R1
0R
R2
0R
Not Mounted
2
5
3
4
J1
SMA_edge_Receptac
C2
10pF
ANT1
F_Antenna
PAO_M
6
PAO_P
5
RFIN_P
2
RFIN_M
1
CT_Bias
3
U5
MC1320x
L1
1.8nH
L4
1.8nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com