Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34652 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 34652 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34652
TYPICAL APPLICATIONS
The low charging current value of ICHG is intended to limit
the temperature increase during the load capacitor charging
process, and the gradual rise to ICHG is to prevent transient
dips in the input voltage due to sharp increases in the limit
current. This prevents the input voltage from drooping due to
current steps acting on the input line inductance, and that in
turn prevents a premature activation of the UV detection
circuit.
Choosing the External Resistor RICHG Value
The user can change the value of the charging current limit
by adding a resistor (RICHG) between the ICHG and VIN pins,
as shown in Figure 19, page 18. The charging current value
ranges between 50 mA and 500 mA, with a default value of
100 mA. Table 7 lists examples of RICHG for different values
of ICHG and Figure 21 shows a plot of RICHG versus ICHG. It is
recommended that the closest 1% standard resistor value to
the actual value be chosen.
Note Accuracy requirements are application dependent.
To calculate the value of the RICHG resistor we use the
following equations:
ICHG(A) = [RICHG(kΩ) + 1.4 kΩ] / 335
RICHG(kΩ) = 335 * ICHG(A) - 1.4 kΩ
Table 7. RICHG Values for Some Desired ICHG Values
Figure 21. External Resistor (RICHG) Value Versus
Charging Current Limit Value (ICHG)
Choosing the External Capacitor CICHG Value
The user can also change the charging current rise time by
adding a capacitor (CICHG) between the ICHG and VIN pins,
as shown in Figure 19, page 18. The charging current rise
time ranges between 1.0 ms (default value) and a
recommended maximum of 10 ms. Table 8 lists examples of
CICHG for different values of tICHGR and Figure 22 shows a
plot of CICHG versus tICHGR.
To calculate the value of the CICHG capacitor we use the
following equation:
CICHG(nF) = 1000 * tICHGR(ms) / [3 * RICHG(kΩ)]
ICHG(A)
RICHG(kΩ)
0.05
15.35
0.1
32.10
0.15
48.85
0.2
65.60
0.25
82.35
0.3
99.10
0.35
115.85
0.4
135.60
0.45
149.35
0.5
166.10
Table 8. CICHG Values for Some Desired tICHGR Values
at a Specific ICHG Value
tICHGR(ms)
CICHG(nF)
ICHG = 0.05 A
CICHG(nF)
ICHG = 0.1 A
CICHG(nF)
ICHG = 0.5 A
1.0
21.72
10.38
2.01
2.0
43.43
20.77
4.01
3.0
65.15
31.15
6.02
4.0
86.86
41.54
8.03
5.0
108.58
51.92
10.03
6.0
130.29
62.31
12.04
7.0
152.01
72.69
14.05
8.0
173.72
83.07
16.05
9.0
195.44
93.46
18.06
10
217.16
103.84
20.07
0
20
40
60
80
100
120
140
160
180
0
0.1
0.2
0.3
0.4
0.5
0.6
ICHG (A)
ICHG (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com