Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34652 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 34652 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
34652
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
The 34652 resides on the plug-in board (see Figures 18
and 19), allowing the board to be safely inserted or removed
without damaging electrical equipment. The 34652 can be
operated with no external components other than the power
good output signal pull-up resistor if the default mode was
selected for all the programmable features. This is one of the
great advantages of the 34652: it operates with minimal user
interface and minimal external component count and still
offers complete hot swapping functionality with all the
necessary protection features, from undervoltage/
overvoltage detection, to current limiting, to short circuit
protection and power good output signaling. The default
values were chosen to be sufficient for many standard
applications.
Figure 18 is a typical application diagram depicting the
default mode and using the power good output signal pull-up
resistor. Refer to the static and dynamic electrical
characteristics tables on pages 6 through 9 for the various
default values.
Figure 18. Typical Application Diagram with Default
Settings and Minimal External Components
The 34652 can be also programmed for different values of
the Overcurrent Limit, the Charging Current Limit, the Start-
Up and Retry Delay Timer, and the UV/OV detection
thresholds using external components connected to the
device. Figure 19 shows the 34652 with the required external
components that allow access to all programmable features
in the device.
Figure 19. Typical Application Diagram with External
Components Necessary to Program the Device
UNDERVOLTAGE AND OVERVOLTAGE
DETECTION
The UV and OV pins are used to monitor the input voltage
to ensure that it is within the operating range and that there
are no overvoltage or undervoltage conditions, and to quickly
turn off the Power MOSFET if there are. The pins are
connected to internal comparators that compare the voltages
at the UV and OV pins with a reference voltage. The UV and
OV pins can be left unconnected for the default threshold
values of their trip point or the user can set the threshold
values externally with a simple voltage divider using resistors
between VPWR and VIN (resistors R1, R2, and R3 in
Figure 19). For the default mode, the 34652 is equipped with
an internal resistor divider that acts the same as the external
one. The typical default values of 37 V for the UV turn-off
threshold (falling threshold) and 78 V for the OV turn-off
threshold (rising threshold) will give a typical operating range
of 38 V to 76 V. This range is suitable for telecom industry
standards.
When the device passes the UVLO threshold, it checks if
there is any external resistor divider connected to the OV and
UV pins. If there is, it determines the value of the UV/OV
thresholds accordingly. If there is not, it defaults to the
internal resistor divider. It then uses the UV/OV detection
circuits to check the input supply levels before turning on the
Power MOSFET during the Start-Up Timer delay and
thereafter. As long as the voltage on the UV pin is above its
falling threshold and the voltage on the OV pin is below its
rising threshold, the supply is within operating range and the
Power MOSFET is allowed to turn on and stay on. If the UV
pin drops below its falling threshold or the OV pin rises above
its rising threshold, then one of the start-up conditions (refer
to page 12 for list) is violated and the Power MOSFET turns
off, the power good signals deactivate, and a new start-up
VPWR
UV
VIN
TIMER
ICHG
ILIM
VOUT (2)
PG
PG
33652
(4)
GND
-48 V
DC/DC
Converter
Application
Dependent
Enable/Enable
CLOAD
44 k
Ω
PLUG-IN CARD
DISABLE
OV
VPWR
UV
VIN
TIMER
ICHG
ILIM
VOUT (2)
PG
33652
(4)
GND
-48 V
DC/DC
Converter
Application
Dependent
Enable/Enable
CLOAD
44 k
Ω
PLUG-IN CARD
DISABLE
OV
R2
R1
R3
PG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com